Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB460L-SMC-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SB460L-SMC-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB460L-SMC-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SB460L-SMC-R Datasheet HTML 1Page - Unisonic Technologies SB460L-SMC-R Datasheet HTML 2Page - Unisonic Technologies SB460L-SMC-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SB460
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
VER.a
4.0A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC SB460 is a Schottky Rectifier with high current capacity
and low forward voltage.
The UTC SB460 is suitable for polarity protection ,low voltage and
high frequency inverters and free wheeling applications
FEATURES
* High Current Capability
* Low Forward Voltage
SMB
(JEDEC DO-214AA)
SMA
(JEDEC DO-214AC)
SMC
(JEDEC DO-214AB)
+
-
+
-
+
-
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
Packing
SB460L-SMA-R
SB460G-SMA-R
SMA
K
A
Tape Reel
SB460L-SMB-R
SB460G-SMB-R
SMB
K
A
Tape Reel
SB460L-SMC-R
SB460G-SMC-R
SMC
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
MARKING
Date Code
Cathode Band for
uni-directional Only
UTC
SB460
L: Lead Free
G: Halogen Free


Similar Part No. - SB460L-SMC-R

ManufacturerPart #DatasheetDescription
logo
France Joint
SB46X55X5.5 FRANCEJOINT-SB46X55X5.5 Datasheet
406Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - SB460L-SMC-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com