Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB5100G-SMB-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SB5100G-SMB-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB5100G-SMB-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SB5100G-SMB-R Datasheet HTML 1Page - Unisonic Technologies SB5100G-SMB-R Datasheet HTML 2Page - Unisonic Technologies SB5100G-SMB-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SB5100
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R601-248.E
5.0A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC SB5100 is a 5.0A schottky barrier rectifier, it uses UTC’s
advanced technology to provide customers with high surge capability,
high current capability and high efficiency, etc.
The UTC SB5100 is suitable for use in free wheeling, high
frequency inverters, low voltage and polarity protection applications.
FEATURES
* High current capability
* High surge capability
* Low power loss
* High efficiency
SYMBOL
DO-201AD
SMB
(JEDEC DO-214AA)
SMA
(JEDEC DO-214AC)
+
-
+
-
SMC
(JEDEC DO-214AB)
+
-
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
Packing
SB5100L-SMA-R
SB5100G-SMA-R
SMA
K
A
Tape Reel
SB5100L-SMB-R
SB5100G-SMB-R
SMB
K
A
Tape Reel
SB5100L-SMC-R
SB5100G-SMC-R
SMC
K
A
Tape Reel
SB5100L-Z21D-B
SB5100G-Z21D-B
DO-201AD
K
A
Tape Box
Note: Pin Assignment: A: Anode
K: Cathode
(1) R: Tape Reel, B: Tape Box
(2) SMA: SMA, SMB: SMB, SMC: SMC, Z21D: DO-201AD
(3) G: Halogen Free and Lead Free
SB5100L-SMA-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING
SMA / SMB / SMC
DO-201AD
Date Code
Cathode Band for
uni-directional Only
UTC
SB5100
L: Lead Free
G: Halogen Free
SB5100
Date Code
L: Lead Free
G: Halogen Free
Cathode Band for uni-directional Only


Similar Part No. - SB5100G-SMB-R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB5100 PANJIT-SB5100 Datasheet
57Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Transys Electronics
SB5100 TRSYS-SB5100 Datasheet
165Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SB5100 DIODES-SB5100 Datasheet
56Kb / 2P
5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 4 -2
logo
Diotec Semiconductor
SB5100 DIOTEC-SB5100 Datasheet
173Kb / 2P
Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SB5100 FAIRCHILD-SB5100 Datasheet
44Kb / 3P
Schottky Rectifiers
More results

Similar Description - SB5100G-SMB-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com