Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBL3045C Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SBL3045C
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SBL3045C Datasheet(HTML) 2 Page - Unisonic Technologies

  SBL3045C Datasheet HTML 1Page - Unisonic Technologies SBL3045C Datasheet HTML 2Page - Unisonic Technologies SBL3045C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBL3045C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-075.c
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Recurrent Peak Reverse Voltage
VRRM
45
V
RMS Voltage
VRWM
45
V
RMS Reverse Voltage
VR(RMS)
32
V
DC Blocking Voltage
VR
45
V
Average Forward Rectified Current
Per Leg
IO
15
A
Per Package
30
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Superimposed on Rated Load Per Diode
IFSM
180
A
Critical Rate of Rise of Reverse Voltage
dV/dt
10000
V/µs
Operating Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.
J
dT
dPtot
<
)
a
j
(
Rth
1
-
thermal runaway condition for a diode on its own heatsink
THERMAL RESISTANCES
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
TO-220/TO-263
θJC
1.60
°C/W
TO-220F1
3.31
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage (Note 3)
V(BR)R
IR=0.50mA
45
V
Forward Voltage Drop
VFM
TJ=25°C, IF=15A
0.56 0.62
V
TJ=125°C, IF=15A
0.57
V
Leakage Current (Note 3)
IRM
VR=VRM, TJ=25 °C
1
mA
VR=VRM, TJ=125 °C
75
mA
Notes: 1. Pulse Test: 380μs pulse width, 2% duty cycle.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Short duration pulse test used to minimize self-heating effect.
4. Thermal resistance junction to case mounted on heatsink.
5. Mounted on an FR4 PCB, single-sided copper, with 100 cm
2 copper pad area.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com