Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBL3045C Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SBL3045C
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SBL3045C Datasheet(HTML) 1 Page - Unisonic Technologies

  SBL3045C Datasheet HTML 1Page - Unisonic Technologies SBL3045C Datasheet HTML 2Page - Unisonic Technologies SBL3045C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SBL3045C
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R601-075.c
LOW DROP POWER SCHOTTKY
RECTIFIER
DESCRIPTION
The UTC SBL3045C is a dual center tap schottky rectifiers, it
uses UTC’s advanced technology to provide the customers with low
forward voltage, high switching speed and low thermal resistance,
etc.
The UTC SBL3045C is suitable for high frequency DC-DC
converter and switched mode power supplies, etc.
FEATURES
* High switching speed
* Low forward voltage drop
* Low thermal resistance
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
SBL3045CL-TA3-T
SBL3045CG-TA3-T
TO-220
A1
K
A2
Tube
SBL3045CL-TF1-T
SBL3045CG-TF1-T
TO-220F1
A1
K
A2
Tube
SBL3045CL-TQ2-T
SBL3045CG-TQ2-T
TO-263
A1
K
A2
Tube
SBL3045CL-TQ2-R
SBL3045CG-TQ2-R
TO-263
A1
K
A2
Tape Reel
Note: Pin Assignment: A1: Anode
K: Cathode
A2: Anode
MARKING


Similar Part No. - SBL3045C

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SBL3045C BWTECH-SBL3045C Datasheet
231Kb / 3P
Low VF Schottky Barrier Rectifier
logo
Zowie Technology Corpor...
SBL3045CF ZOWIE-SBL3045CF Datasheet
343Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SBL3045CFSH ZOWIE-SBL3045CFSH Datasheet
75Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Mospec Semiconductor
SBL3045CL MOSPEC-SBL3045CL Datasheet
149Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
logo
Diodes Incorporated
SBL3045CT DIODES-SBL3045CT Datasheet
64Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS30022 Rev. B-2
More results

Similar Description - SBL3045C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com