Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF36G Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SF36G
Description  GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SF36G Datasheet(HTML) 2 Page - Unisonic Technologies

  SF36G Datasheet HTML 1Page - Unisonic Technologies SF36G Datasheet HTML 2Page - Unisonic Technologies SF36G Datasheet HTML 3Page - Unisonic Technologies SF36G Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SF36G
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R601-256.C
ABSOLUTE MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
Working Peak Reverse Voltage
VRWM
400
V
Repetitive Peak Reverse Voltage
VRRM
400
V
Maximum RMS Reverse Voltage
VRMS
280
V
DC Blocking Voltage
VR
400
V
Average Rectified Output Current (TA=55°C)
IO
3.0
A
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load
IFSM
100
A
Junction Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 2)
θJA
30
°C/W
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Instantaneous Forward Voltage
VFM
IF=3.0A
1.25
V
TA=25°C
5.0
μA
DC Reverse Current at Rated DC Blocking
Voltage
IRM
TA=100°C
50
μA
Reverse Recovery Time
trr
IF=0.5A, IR=1.0A, Irr=0.25A
35
ns
Junction Capacitance (Note 1)
CJ
30
pF
Notes: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com