Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF36G Datasheet(PDF) 3 Page - Unisonic Technologies

Part # SF36G
Description  GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SF36G Datasheet(HTML) 3 Page - Unisonic Technologies

  SF36G Datasheet HTML 1Page - Unisonic Technologies SF36G Datasheet HTML 2Page - Unisonic Technologies SF36G Datasheet HTML 3Page - Unisonic Technologies SF36G Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SF36G
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R601-256.C
TYPICAL CHARACTERISTICS
Test Circuit Diagram And Reverse Recovery Time Characteristics
50Ω
NONINDUCTIVE
10Ω
NONINDUCTIVE
DUT
(+)
50 Vdc
(approx)
(-)
1Ω
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
(-)
(+)
PULSE
GENERATOR
(NOTE 2)
NOTES: 1 Rise Time=7ns max. Input Impedance=
1 megohm 22pF
2 Rise Time=10ns max. Source Impedance=
50 ohms
+0.5A
0
-0.25A
-1.0A
TRR
1cm
SET TIME BASE FOR
10/15ns/cm
Typical Forward Current Derating Curve
3.0
2.0
1.0
0
25
50 75 100 125 150 175
AMBIENT TEMPERATURE, °C
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
0.375"(9.5mm)
Lead Length
0
Typical Reverse Characteristics
1000
100
10
1.0
0.1
0
20
40
60
80 100
120 140
TA=25°C
TA=125°C
TA=150°C
100.0
10.0
1.0
0.1
0.01
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TA=25°C
Pulse Width=300µs
1% Duty Cycle
Percent Of Rated Peak Reverse Voltage (%)
Typical Forward Characteristics
Forward Voltage (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com