Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2037CS Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML2037CS
Description  500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2037CS Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML2037CS Datasheet HTML 1Page - Micro Linear Corporation ML2037CS Datasheet HTML 2Page - Micro Linear Corporation ML2037CS Datasheet HTML 3Page - Micro Linear Corporation ML2037CS Datasheet HTML 4Page - Micro Linear Corporation ML2037CS Datasheet HTML 5Page - Micro Linear Corporation ML2037CS Datasheet HTML 6Page - Micro Linear Corporation ML2037CS Datasheet HTML 7Page - Micro Linear Corporation ML2037CS Datasheet HTML 8Page - Micro Linear Corporation ML2037CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ML2037
2
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
FUNCTION
1, 5
D GND
Ground connection for the digital
sections of the IC.
2
SYNC
Synchronization input. Holding this
pin low stops the sine wave output,
and resets the phase to zero.
3
CLK OUT
Output of the internal high frequency
clock generator. fCLK OUT = ½fCLK IN.
4
S CLK
Serial data clock input. Serial data is
clocked into the shift register on
falling edges of S CLK.
6
S DATA IN
Serial data input for programming the
output frequency.
7
S ENABLE
Serial interface enable control. A
logic high on this pin allows data to be
entered into the latch.
8
SHDN
A logic high on this pin causes the
output of the generator to shut off and
places the IC in a low power standby
mode.
PIN
NAME
FUNCTION
9
A GND
Ground reference for analog sections
of the IC and reference for OUT.
10
OUT
Sine wave output. The amplitude of
the sine wave will vary around a 2.5V
DC level.
11,12 AVCC
Power supply for the analog sections of
the IC.
13
CLK IN
Input of the internal high frequency
clock generator. This pin is either
driven from an external clock input or
connected to a crystal for use with the
internal oscillator.
14
G0
Output gain control. Works with G1 to
set the output amplitude to one of four
different full scale ranges.
15
G1
Output gain control. Works with G0 to
set the output amplitude to one of four
different full scale ranges.
16
DVCC
Power supply for the digital sections of
the IC.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
D GND
SYNC
CLK OUT
S CLK
D GND
S DATA IN
S ENABLE
SHDN
DVCC
G1
G0
CLK IN
AVCC
AVCC
OUT
A GND
TOP VIEW
ML2037
16-Pin PDIP (P16)
16-Pin Wide SOIC (S16W)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com