Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2037CS Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML2037CS
Description  500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2037CS Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML2037CS Datasheet HTML 1Page - Micro Linear Corporation ML2037CS Datasheet HTML 2Page - Micro Linear Corporation ML2037CS Datasheet HTML 3Page - Micro Linear Corporation ML2037CS Datasheet HTML 4Page - Micro Linear Corporation ML2037CS Datasheet HTML 5Page - Micro Linear Corporation ML2037CS Datasheet HTML 6Page - Micro Linear Corporation ML2037CS Datasheet HTML 7Page - Micro Linear Corporation ML2037CS Datasheet HTML 8Page - Micro Linear Corporation ML2037CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 1998
ML2037*
500kHz, Serial Input, Programmable
Sine Wave Generator with Digital Gain Control
1
GENERAL DESCRIPTION
The ML2037 is a precision programmable sine wave
generator with a frequency range of DC to 500kHz. The
device is capable of generating a wide frequency range
of low distortion sine waves with no external passive
components. The frequency of the sine wave output is
programmed by a 16-bit word that is loaded through a
serial input. The sine wave output frequency is determined
by the programmed value and the clock frequency. The
clock frequency is derived from either an external crystal
connected to the device or an external clock input to
provide a stable and accurate frequency reference.
The sine wave output of the ML2037 is filtered and has a
programmable amplitude that is digitally programmed in
0.5V steps. The maximum amplitude is 2.0VP-P centered
at a 2.5V level. The device functions from a single 5V
power supply and has a shutdown pin to put the device
into a low power mode that disables the output. A sync
input is provided to allow the synchronization of more
than one device in a system.
BLOCK DIAGRAM
FEATURES
s
Programmable output frequency:
DC to 400kHz—using a crystal
DC to 500kHz—using an external digital clock
s
3-wire SPI compatible serial interface with double
buffered latch for programming the frequency
s
Digital gain control for programming output amplitude
s
SYNC input for synchronization of multiple sine waves
s
Shutdown pin for sleep mode
s
Single 5V power supply operation
AVCC
12
D GND
D GND
OUT
S ENABLE
S CLK
S DATA IN
7
4
6
10
8-BIT
DAC
GAIN
CONTROL &
SMOOTHING
FILTER
G0
14
G1
15
REFERENCE
PHASE
ACCUMULATOR
512 POINT
SINE LOOK-UP
TABLE
8
16
16
16-BIT DATA LATCH
16-BIT SHIFT REGISTER
CRYSTAL
OSCILLATOR
÷2
CLK IN
13
CLK OUT
3
AVCC
11
DVCC
16
SYNC
2
AGND
9
SHDN
8
1
5
* This Part Is End Of Life As Of August 1, 2000


Similar Part No. - ML2037CS

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2031 MICRO-LINEAR-ML2031 Datasheet
459Kb / 9P
TONE DETECTOR
ML2031CP MICRO-LINEAR-ML2031CP Datasheet
459Kb / 9P
TONE DETECTOR
ML2031IP MICRO-LINEAR-ML2031IP Datasheet
459Kb / 9P
TONE DETECTOR
logo
List of Unclassifed Man...
ML2032 ETC2-ML2032 Datasheet
134Kb / 4P
Lithium Manganese Dioxide Rechargeable Batteries
logo
Maxwell Technologies
ML2032 MAXWELL-ML2032 Datasheet
1,002Kb / 9P
LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
More results

Similar Description - ML2037CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML2035 FAIRCHILD-ML2035 Datasheet
168Kb / 9P
Serial Input Programmable Sine Wave Generator
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
Serial Input Programmable Sine Wave Generator
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Linear Technology
LTC6912 LINER-LTC6912 Datasheet
417Kb / 24P
Dual Programmable Gain Amplifiers with Serial Digital Interface
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
IK Semicon Co., Ltd
IK6501 IKSEMICON-IK6501 Datasheet
2Mb / 20P
Sine-wave PWM control
IK6501-01 IKSEMICON-IK6501-01 Datasheet
2Mb / 20P
Sine-wave PWM control
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com