Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2280 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML2280
Description  Serial I/O 8-Bit A/D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2280 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML2280 Datasheet HTML 1Page - Micro Linear Corporation ML2280 Datasheet HTML 2Page - Micro Linear Corporation ML2280 Datasheet HTML 3Page - Micro Linear Corporation ML2280 Datasheet HTML 4Page - Micro Linear Corporation ML2280 Datasheet HTML 5Page - Micro Linear Corporation ML2280 Datasheet HTML 6Page - Micro Linear Corporation ML2280 Datasheet HTML 7Page - Micro Linear Corporation ML2280 Datasheet HTML 8Page - Micro Linear Corporation ML2280 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
May 1997
ML2280*, ML2283**
Serial I/O 8-Bit A/D Converters
BLOCK DIAGRAM
1
GENERAL DESCRIPTION
The ML2280 and ML2283 are 8-bit successive
approximation A/D converters with serial I/O and
configurable input multiplexers with up to 4 input
channels.
All errors of the sample-and-hold incorporated on the
ML2280 and ML2283 are accounted for in the analog-to-
digital converters accuracy specification.
The voltage reference can be externally set to any value
between GND and VCC, thus allowing a full conversion
over a relatively small voltage span if desired.
The ML2283 is an enhanced double polysilicon, CMOS,
pin-compatible second source for the ADC0833 A/D
converter. All parameters are guaranteed over temperature
with a power supply voltage of 5V ±10%.
FEATURES
s
Conversion time: 6µs
s
ML2280 capable of digitizing a 5V, 40kHz sine wave
s
Total unadjusted error with external
reference: ±1/2LSB or ±1LSB
s
Sample-and-hold: 375ns acquisition
s
0 to 5V analog input range with single 5V
power supply
s
2.5V reference provides 0 to 5V analog input range
s
No zero- or full-scale adjust required
s
Low power: 12.5mW MAX
s
Analog input protection: 25mA (min) per input
s
Differential analog voltage inputs (ML2280)
s
Programmable multiplexer with differential or single
ended analog inputs (ML2283)
s
0.3" width 8- or 14-pin DIP, or 8-Pin SOIC (ML2280)
s
Superior pin-compatible replacement for ADC0833
INPUT
SHIFT-REGISTER
OUTPUT
SHIFT-REGISTER
SHUNT
REGULATOR
CONTROL
AND
TIMING
DI
SARS
CLK
CS
DO
4-BIT
SE
DGND
V+
VCC
VREF/2
AGND
CH3
CH2
CH1
CH0
A/D
CONVERTER
WITH
SAMPLE & HOLD
FUNCTION
4-CHANNEL
S.E.
OR
2-CHANNEL
DIFF
MULTIPLEXER
Σ
VREF/2
CLK
CS
VIN–
SUCCESSIVE
APPROXIMATION
REGISTER
D/A
CONVERTER
+
OUTPUT
SHIFT-REGISTER
CONTROL
AND
TIMING
COMP
A/D WITH SAMPLE & HOLD FUNCTION
8pF
8pF
+
VIN+
VCC
GND
DO
ML2281
ML2283
* This Part Is Obsolete
** This Part Is End Of Life As Of August 1, 2000


Similar Part No. - ML2280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML22802-XXX ETC2-ML22802-XXX Datasheet
601Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
ML22804 ETC2-ML22804 Datasheet
601Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
More results

Similar Description - ML2280

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
Micropower Sampling 8-Bit Serial I/O A/D Converters
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Linear Technology
LTC1096 LINER-LTC1096_1 Datasheet
282Kb / 32P
Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098 LINER-LTC1098_15 Datasheet
290Kb / 32P
Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098L LINER-LTC1098L_15 Datasheet
290Kb / 32P
Micropower Sampling 8-Bit Serial I/O A/D Converters
logo
Texas Instruments
ADC08131 TI1-ADC08131_13 Datasheet
789Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters
ADC08231 TI1-ADC08231 Datasheet
646Kb / 26P
8-Bit 2 Mus Serial I/O A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com