Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2280BCP Datasheet(PDF) 16 Page - Micro Linear Corporation

Part # ML2280BCP
Description  Serial I/O 8-Bit A/D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2280BCP Datasheet(HTML) 16 Page - Micro Linear Corporation

Back Button ML2280BCP Datasheet HTML 12Page - Micro Linear Corporation ML2280BCP Datasheet HTML 13Page - Micro Linear Corporation ML2280BCP Datasheet HTML 14Page - Micro Linear Corporation ML2280BCP Datasheet HTML 15Page - Micro Linear Corporation ML2280BCP Datasheet HTML 16Page - Micro Linear Corporation ML2280BCP Datasheet HTML 17Page - Micro Linear Corporation ML2280BCP Datasheet HTML 18Page - Micro Linear Corporation ML2280BCP Datasheet HTML 19Page - Micro Linear Corporation ML2280BCP Datasheet HTML 20Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ML2280, ML2283
16
APPLICATIONS (Continued)
Low-Cost Remote Temperature Sensor
+
10
µF
RL
5VDC
RSET
ML2283
VIN (–)
VIN (+)
VCC
VCC
(5 VDC)
VREF/2
10k
Ω
TA MIN
ADJ.
5k
Ω
TA MAX
ADJ.
7.5k
Ω
Operating with Ratiometric Transducers
+
1
µF
VIN (–)
VIN (+)
VCC
VREF/2
VCC
(5VDC)
VCC
(5VDC)
ML2280
LOAD
2.5V
9.1k
Ω
120k
Ω
3k
Ω
100
Ω
0.1
Ω
(2A FULL-SCALE)
ILOAD
1k
Ω
FS
ADJ.
100
Ω
ZERO
ADJ.
+
10
µF
→
2k
Ω
240k
Ω
Digitizing a Current Flow
Protecting the Input
VIN (+)
VIN (–)
VCC
VCC
(5VDC)
–15VDC
15VDC
+
–
ML2280
+
10
µF
OP
AMP
600
Ω
DIODE CLAMPING IS NOT NEEDED
IF CURRENT IS LIMITED TO 25mA
VIN (+)
*VIN (–) = 0.15VCC
15% OF VCC ≤ VXDR ≤ 85% OF VCC
VCC
VREF/2
VCC
(5VDC)
ML2280
0.35 VCC
1k
Ω
FS
ADJ.
1k
Ω
ZERO
ADJ.
8.2k
Ω
+
10
µF
+
1
µF
16k
Ω
20k
Ω
3k
Ω
VIN (–)*
XDR
VXDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com