Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2280BCP Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML2280BCP
Description  Serial I/O 8-Bit A/D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2280BCP Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML2280BCP Datasheet HTML 1Page - Micro Linear Corporation ML2280BCP Datasheet HTML 2Page - Micro Linear Corporation ML2280BCP Datasheet HTML 3Page - Micro Linear Corporation ML2280BCP Datasheet HTML 4Page - Micro Linear Corporation ML2280BCP Datasheet HTML 5Page - Micro Linear Corporation ML2280BCP Datasheet HTML 6Page - Micro Linear Corporation ML2280BCP Datasheet HTML 7Page - Micro Linear Corporation ML2280BCP Datasheet HTML 8Page - Micro Linear Corporation ML2280BCP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ML2280, ML2283
4
ELECTRICAL CHARACTERISTICS (Continued)
ML228XB
ML228XC
TYP
TYP
SYMBOL
PARAMETER
CONDITIONS
MIN
NOTE 3
MAX
MIN
NOTE 3
MAX
UNITS
CONVERTER AND MULTIPLEXER CHARACTERISTICS (Continued)
IOFF
Off Channel
On channel = VCC
–1
–1
µA
Leakage Current
Off channel = 0V
(Notes 4, 8)
On channel = 0V
+1
+1
µA
Off channel = VCC
(Notes 4, 8)
ION
On Channel
On channel = 0V
–1
–1
µA
Leakage Current
Off channel = VCC
(Notes 4, 8)
On channel = VCC
+1
+1
µA
Off channel = 0V
(Notes 4, 8)
TYP
SYMBOL
PARAMETER
CONDITIONS
MIN
NOTE 3
MAX
UNITS
DIGITAL AND DC CHARACTERISTICS
VIN(1)
Logical “1” Input Voltage
(Note 4)
2.0
V
VIN(0)
Logical “0” Input Voltage
(Note 4)
0.8
V
IIN(1)
Logical “1” Input Current
VIN = VCC (Note 4)
1
µA
IIN(0)
Logical “0” Input Current
VIN = 0V (Note 4)
–1
µA
VOUT(1
Logical “1” Output Voltage
IOUT = –2mA (Note 4)
4.0
V
VOUT(0)
Logical “0” Output Voltage
IOUT = 2mA (Note 4)
0.4
V
IOUT
HI-Z Output Current
VOUT = 0V (Note 4)
–1
µA
VOUT = VCC
1µA
ISOURCE
Output Source Current
VOUT = 0V (Note 4)
–6.5
mA
ISINK
Output Sink Current
VOUT = VCC (Note 4)
8.0
mA
ICC
Supply Current
(Note 4)
1.3
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com