Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2280CIP Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML2280CIP
Description  Serial I/O 8-Bit A/D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2280CIP Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML2280CIP Datasheet HTML 4Page - Micro Linear Corporation ML2280CIP Datasheet HTML 5Page - Micro Linear Corporation ML2280CIP Datasheet HTML 6Page - Micro Linear Corporation ML2280CIP Datasheet HTML 7Page - Micro Linear Corporation ML2280CIP Datasheet HTML 8Page - Micro Linear Corporation ML2280CIP Datasheet HTML 9Page - Micro Linear Corporation ML2280CIP Datasheet HTML 10Page - Micro Linear Corporation ML2280CIP Datasheet HTML 11Page - Micro Linear Corporation ML2280CIP Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ML2280, ML2283
8
1
0.75
0.5
0.25
0
VREF (VDC)
02
3
5
4
1
VCC = 5V
fCLK = 1.333MHz
125 C
–55 C
25 C
Figure 4. Linearity Error vs VREF Voltage
DQ
Q
DQ
Q
DQ
Q
S
R
Q
DSP
LS193
COUNT
DOWN
ML2280
FSR
START
CLK
VIN+
VIN–
LOAD
A
5V
BC D
B0
CLK
DR
DO
CS
CLK
TMS320
SERIES
CLK
1
D7
D6
D5
D4
D3
D2
D1
D0
2
3
4
56789
10
11
12
13
14
START
CS
FSR
DO
HI-Z
HI-Z
Figure 5. Unadjusted Offset Error vs VREF Voltage
1.0
0.75
0.5
0.25
0
CLOCK FREQUENCY (MHz)
0
0.01
0.1
1
VCC = 5V
VREF = 5V
125 C
–55 C
25 C
Figure 3. Linearity Error vs fCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com