Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2280CIP Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML2280CIP
Description  Serial I/O 8-Bit A/D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2280CIP Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML2280CIP Datasheet HTML 5Page - Micro Linear Corporation ML2280CIP Datasheet HTML 6Page - Micro Linear Corporation ML2280CIP Datasheet HTML 7Page - Micro Linear Corporation ML2280CIP Datasheet HTML 8Page - Micro Linear Corporation ML2280CIP Datasheet HTML 9Page - Micro Linear Corporation ML2280CIP Datasheet HTML 10Page - Micro Linear Corporation ML2280CIP Datasheet HTML 11Page - Micro Linear Corporation ML2280CIP Datasheet HTML 12Page - Micro Linear Corporation ML2280CIP Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ML2280, ML2283
9
Figure 6. ML2288 Functional Block Diagram
C
Q
R
D
R
D
C
Q
D
C
Q
R
D
C
Q
R
+
–
–
+
ANALOG
MUX
(EQUIVALENT)
Σ
3
CH0*
16
CLK
13
DI*
2
CS
CH3*
VREF/2
VCC
V+*
DGND*
AGND*
CH1
4
CH2*
5
6
8
1
9
14
TO INTERNAL
CIRCUITRY
7V SHUNT
REGULATOR
INPUT PROTECTION—ALL LOGIC INPUTS
C
C
R
LADDER
AND
DECODER
SAR
LOGIC
AND
LATCH
9-BIT
SHIFT
REGISTER
COMP
B7
B6
B5
B4
10
DO
B2
B3
B1
B0
CS
CS
CS
COMP
PARALLEL XFR
TO SHIFT REGISTER
MSB FIRST
LSB FIRST
EOC
EOC
R
R
C
CS
DEOC
CS
CS
CS
CS
Tx
VCC
VCC
VCC
TO
INTERNAL
CIRCUITS
INPUT
13
16
17
18
MUX
ADDRESS
SARS*
11
SELECT 0
SELECT 1
START
RR
RR
R
D
C
SGL/DIF
5-BIT SHIFT-REGISTER
ODD/
SIGN
TIME
DELAY
DSTART 2
START
DSTART 1
* SOME OF THESE FUNCTIONS/PINS ARE NOT AVAILABLE WITH ML2280.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com