Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2712 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML2712
Description  2.4GHz FHSS Radio Chipset
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2712 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML2712 Datasheet HTML 1Page - Micro Linear Corporation ML2712 Datasheet HTML 2Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Micro Linear makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and reserves the right to make changes to specifications and product
descriptions at any time without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual property rights is granted by this document. The circuits contained in this
document are offered as possible applications only. Particular uses or applications may invalidate some of the specifications and/or product descriptions contained herein. The customer is urged to perform its
own engineering review before deciding on a particular application.
Micro Linear assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Micro Linear
products including liability or warranties relating to merchantability, fitness for a particular purpose, or infringement of any intellectual property right. Micro Linear products are not designed for use in medical,
The 2.4GHz radio chipset is targeted at the IEEE802.11 Frequency Hopping Spread Spectrum
standard. Two devices; ML2712 2.4GHz RF Transceiver and the ML2713 IF Transceiver implement
a very highly integrated, easy to use radio with a low cost bill of materials. The transmit path
includes a DAC and IF up converter in the ML2713 followed by an integrated transmit PLL, 2.4GHz
mixer and directly modulated VCO in the ML2712. The result is accurate digital generation of
the modulated signal for 802.11 compatibility and maintenance of adequate transmitter range even
without RF bandpass filters. The dual conversion receiver features high dynamic range and support
for the 4G FSK/2Mbps requirement of 802.11 standard. The chipset also inplements a self aligning
descriminator adjusted with every frequency hop.
An optional ML2731 PA Bias Controller completes the set.
CORPORATE HEADQUARTERS
WESTERN UNITED STATES
Micro Linear Corporation
2092 Concourse Drive
San Jose, CA 95131
Tel: (408) 433-5200
Fax: (408) 432-1627
http//www.microlinear.com
CENTRAL UNITED STATES
Micro Linear Corporation
59 Cardinal Street
Pearl River, NY 10965
Tel: (914) 735-5848
Fax: (914) 735-5852
EASTERN UNITED STATES
Micro Linear Corporation
35 Pinehurst Avenue
Nashua, NH 03062
Tel: (603) 888-1326
Fax: (603) 888-4239
EUROPE
Micro Linear Corporation
Babraham Road
Sawston, Cambridge
CB2 4LJ, UK
Tel: 44-1223-839534
Fax: 44-1223-836761
ASIA
Micro Linear Corporation
#705 2-8-12 Mita
Minato-ku, Tokyo 108-0073
Tel/Fax: +81-3-5439-6256
Transmit
Power
Amplifier
R. C.
Loop
Filter
LPF
+
DAC
2LO VCO
1LO VCO
x2
Tx Regulator
Output
2LO Loop
Filter &
Tank Circuit
1LO Loop
Filter &
Tank Circuit
32MHz
Clock
Reference
Frequency
Input
RSSI
Input
ML2712
WB Charge
Pump/WB
Phase Comp
PLL 1
PLL 2
DC
Reg
Quad &
Filter
Auto Align
Discrim-
inator
+
DAC
Data Filter
Rx Out
D/A Input
Control
Interface
ML2713
DC
Restore
Image Reject Rx IF
Downconverter
Image Reject Tx
IF Upconverter
Tx Regulator
Output
RSSI
Limiter
MUX
Voltage
Regulator
REGO
Bias Control
VPA
VBIAS
Crystal
Oscillator
VNEG
Negative voltage
generator
C1
PA on/off switch
and current sense
Sine & square
wave drivers
PDN
Crystal
XOUT
XIN
PAEN
NEGEN
ICON
C2
Baseband
IC
CLKO
SINO
ML2731
Lock
Detect
Control
Circuits
Block Diagram
© 2000 Micro Linear Corporation. All Rights Reserved.
10k
0200
PB2712-01
2.4GHz FHSS Radio Chipset



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com