Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2712 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML2712
Description  2.4GHz FHSS Radio Chipset
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2712 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML2712 Datasheet HTML 1Page - Micro Linear Corporation ML2712 Datasheet HTML 2Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML2712
1LO and 2LO VCO and PLL
On-Chip
1LO and 2LO Tank Circuits
Off-Chip
Directly Modulated VCO
Transmitter
PLL Programming with 3 Wire
IF
Operation to 2.5GHz
48 Pin TQFP Package
ML2713
Image Reject Up - Convert
Mixer On-Chip
Receive Down - Convert Mixer
On-Chip
Integrated Discriminator and
Filter Alignment Circuits
High Signal to Noise at
Discriminator Output
Received Signal Strength
Indication Output
On-Chip DAC Generates
Modulated IF
Low Noise Regulator Output
48 Pin TQFP Package
ML2731
PA Current Control
10MHz - 40MHz Frequency
Range
Fast Start Negative Voltage
Generator
On-Chip Regulators
16 Pin TSSOP Package
Very Small Form Factor
802.11 Compatible
2.4GHz FHSS Radio Chipset
Features
ML2712
2.4GHz Radio Transceiver
ML2713
Radio IF Transceiver
ML2731
PA Bias Controller
BRIEF
3 Wire Interface
Auto Aligning Discriminator
10µs Tx-Rx Switching


Similar Part No. - ML2712

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
2.4GHz RF Transceiver
ML2712CH MICRO-LINEAR-ML2712CH Datasheet
293Kb / 22P
2.4GHz RF Transceiver
ML2712EH MICRO-LINEAR-ML2712EH Datasheet
293Kb / 22P
2.4GHz RF Transceiver
More results

Similar Description - ML2712

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN611 MAXIM-AN611 Datasheet
37Kb / 3P
TD-SCDMA Radio Chipset Block Diagram for Handset Application
Jun 01, 2001
logo
List of Unclassifed Man...
XE24S100 ETC1-XE24S100 Datasheet
146Kb / 16P
Complete 2.4 GHZ FHSS Transceiver
logo
Advanced Micro Devices
AMD-750 AMD-AMD-750 Datasheet
322Kb / 12P
Chipset
logo
Murata Manufacturing Co...
WIT910M MURATA-WIT910M Datasheet
221Kb / 3P
900 MHz FHSS Transceiver Module
WIT2410M4G MURATA-WIT2410M4G Datasheet
315Kb / 2P
FHSS Transceiver Modules
WIT2450M2 MURATA-WIT2450M2 Datasheet
415Kb / 2P
Low-Cost FHSS Transceiver Module
logo
List of Unclassifed Man...
AW24MCHL-H2 ETC2-AW24MCHL-H2 Datasheet
504Kb / 13P
2.4GHz DSSS Micro Radio Module with Integrated Antenna
logo
ATMEL Corporation
AT86RF215 ATMEL-AT86RF215 Datasheet
10Mb / 235P
Sub-1GHz/2.4GHz Transceiver and I/Q Radio for
logo
List of Unclassifed Man...
LT8920 ETC2-LT8920 Datasheet
1Mb / 51P
Long range 2.4GHz Radio Transceiver
logo
Wurth Elektronik GmbH &...
2611011021000 WURTH-2611011021000 Datasheet
458Kb / 6P
WIRL-PRO2 Thyone-I radio module 2.4GHz T&R
001.000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com