Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4411CS Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4411CS
Description  Sensorless Spindle Motor Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4411CS Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4411CS Datasheet HTML 1Page - Micro Linear Corporation ML4411CS Datasheet HTML 2Page - Micro Linear Corporation ML4411CS Datasheet HTML 3Page - Micro Linear Corporation ML4411CS Datasheet HTML 4Page - Micro Linear Corporation ML4411CS Datasheet HTML 5Page - Micro Linear Corporation ML4411CS Datasheet HTML 6Page - Micro Linear Corporation ML4411CS Datasheet HTML 7Page - Micro Linear Corporation ML4411CS Datasheet HTML 8Page - Micro Linear Corporation ML4411CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
ML4411/ML4411A
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Braking Circuit (VPIN17 = 0V)
Brake Active Threshold
0.8
1.2
1.6
V
PIN 26 Bias Current
VPIN26 = 0V
0.3
1
µA
N-Channel Leakage
VCC, VCC2 = 0V
0
0.06
10
nA
VPIN17 = 0V, VN = 4V
CBRK Current
VCC, VCC2 = 0V, VPIN26 = 3V
20
85
µA
VPIN7 = 6V
Outputs (ICMD = ILIMIT = 2.5V)
IP Low
VP = 0.8V
5
7
19.5
mA
VP = 0.4V
2
4
mA
VP High
IP = –10µA
VCC – 0.4
V
P3 Comparator Threshold
VCC2 – 1.6
VCC2 – 0.8
V
VN High
VPIN12 = 0V
VCC2 – 3.2
10
VCC – 1.2
V
VN Low
IN = 1mA
0.2
0.7
V
LOGIC Low (VOL)IOUT = 0.4mA
0.5
V
VCO/TACH VOH
IOUT = –100µA
2.4
V
POWER FAIL VOH
IOUT = –10µA
VPIN19 – 0.2 VPIN19 – 0.1
VPIN19
V
Supply Currents (N and P Outputs Open)
5V Current
34
mA
VCC Current
38
50
mA
VCC2 Current
ML4411
2
3
mA
VCC2 Current
ML4411A
2.6
3.75
mA
Note 1. For explanation of states, see Figure 5 and Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com