Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4411CS Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML4411CS
Description  Sensorless Spindle Motor Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4411CS Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML4411CS Datasheet HTML 6Page - Micro Linear Corporation ML4411CS Datasheet HTML 7Page - Micro Linear Corporation ML4411CS Datasheet HTML 8Page - Micro Linear Corporation ML4411CS Datasheet HTML 9Page - Micro Linear Corporation ML4411CS Datasheet HTML 10Page - Micro Linear Corporation ML4411CS Datasheet HTML 11Page - Micro Linear Corporation ML4411CS Datasheet HTML 12Page - Micro Linear Corporation ML4411CS Datasheet HTML 13Page - Micro Linear Corporation ML4411CS Datasheet HTML 14Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
ML4411/ML4411A
APPLICATIONS
Figure 10 shows a typical application of the ML4411 in a
hard disk drive spindle control. Although the timing
necessary to start the motor in most applications would be
generated by a microcontroller, Fig. 11 shows a simple
“one shot” start-up timing approach.
Speed control can be accomplished either by:
1. Sensing the VCO OUT frequency with a
Microcontroller and adjusting ICMD via an analog
output form the Micro (PWM DAC).
2. Using analog circuitry for speed control. (Fig. 12).
OUTPUT STAGE HINTS
In the circuit in Figure 10, Q1, Q2, and Q3 are IRFR9024
or equivalent. Q4, Q5, and Q6 are IRFR024 or equivalent.
New MOSFET packaging technology such as the Little
Foot“ series may decrease the PC board space. These
packages, however have much lower thermal inertia and
dissipation capabilities than the larger packages, and care
should be taken not to exceed their rated current and
junction temperature.
Since the output section in a full bridge application
consists of three half-H switches, cross-conduction can
occur. Cross-conduction is the condition where an N-FET
and P-FET in the same phase of the bridge conduct
simultaneously. This could happen under two conditions
(see figure 13):
ICMD
ILIMIT
BRAKE
VCC
PH3
PH2
PH1
IRAMP
RC
+5V
ENABLE E/A
PWR FAIL
RESET
VCO/TACH OUT
GND
P1
P2
VCC2
P3
COTA
CBRK
DIS PWR
N1
N2
N3
ISENSE
COS
CVCO
ICOMMAND
+5
1M
+12
+5
510K
0.22
+5
5K
5K
0.5
Q6
Q3
0.1
10
Q2
Q5
Q1
Q4
VCC2
1N5819
0.1
10
+12V
TO VCC
510
0.01
0.22
0.02
0.01
ENABLE ERROR AMP
RESET (FROM MICRO)
POWER FAIL TO MICRO
VCO OUT
DISABLE POWER
100pF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+12
510
510
1K
1K
1K
Figure 10. ML4411 Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com