Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4425CS Datasheet(PDF) 14 Page - Micro Linear Corporation

Part # ML4425CS
Description  Sensorless BLDC Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4425CS Datasheet(HTML) 14 Page - Micro Linear Corporation

Back Button ML4425CS Datasheet HTML 8Page - Micro Linear Corporation ML4425CS Datasheet HTML 9Page - Micro Linear Corporation ML4425CS Datasheet HTML 10Page - Micro Linear Corporation ML4425CS Datasheet HTML 11Page - Micro Linear Corporation ML4425CS Datasheet HTML 12Page - Micro Linear Corporation ML4425CS Datasheet HTML 13Page - Micro Linear Corporation ML4425CS Datasheet HTML 14Page - Micro Linear Corporation ML4425CS Datasheet HTML 15Page - Micro Linear Corporation ML4425CS Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
ML4425
R16
80.6k
Ω
BRAKE
RUN
R13 (RES1)
R14 (RES1)
R15 (RES1)
S1
C14
330pF
MOTOR
C1
2.2nF
R5
10k
Ω
C4
1nF
C3
100nF
C15
100nF
R20
10k
Ω
R19
787
Ω
R11
100
Ω
R10
100
Ω
R9
100
Ω
D4
D5
D6
(3
×1N5819)
C7
100nF
Q2
IRF720
Q4
IR720
Q6
IRF720
R12
470m
Ω
2W
VBUSS
24V–80V
C9
470nF
12V
R6
100
Ω
Q1
IRF720
Q3
IRF720
R1
1k
Ω
Q5
IRF720
ML4425
R18
137k
Ω
C6
1µF
C8
10nF
C10
1µF
C19
2.2µF
25V
C13*
R17
10k
Ω
C11
100nF
C12
1µF
12V
IR2118
VCC
IN
COM
NC
VB
HO
VS
NC
C16
100nF
25V
D1
MUR150
C5
330µF
400V
C20
2.2µF
25V
C17
100nF
25V
D2
MUR150
C21
2.2µF
25V
C18
100nF
25V
D3
MUR150
R7
100
Ω
R8
100
Ω
IR2118
VCC
IN
COM
NC
VB
HO
VS
NC
IR2118
VCC
IN
COM
NC
VB
HO
VS
NC
ISENSE
HA
HB
HC
SPEED COMP
CT
VREF
SPEED SET
LA
LB
LC
ILIMIT
VCO/TACH
VDD
GND
RREF
CIOS
BRAKE
FB C
FB B
FB A
RAMP COMP
SPEED FB
CRT
UV FAULT
CAT
RVCO
CVCO
BOOTSTRAP
PRE-CHARGE
CAPACITOR
Figure 12. ML4425 High Voltage Motor Drive Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com