Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4425CS Datasheet(PDF) 12 Page - Micro Linear Corporation

Part # ML4425CS
Description  Sensorless BLDC Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4425CS Datasheet(HTML) 12 Page - Micro Linear Corporation

Back Button ML4425CS Datasheet HTML 8Page - Micro Linear Corporation ML4425CS Datasheet HTML 9Page - Micro Linear Corporation ML4425CS Datasheet HTML 10Page - Micro Linear Corporation ML4425CS Datasheet HTML 11Page - Micro Linear Corporation ML4425CS Datasheet HTML 12Page - Micro Linear Corporation ML4425CS Datasheet HTML 13Page - Micro Linear Corporation ML4425CS Datasheet HTML 14Page - Micro Linear Corporation ML4425CS Datasheet HTML 15Page - Micro Linear Corporation ML4425CS Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
ML4425
CROSS CONDUCTION COMPARATOR
When the ML4425 goes from align mode into ramp mode,
there is a possibility of cross conduction in phase 3 of the
bridge power stage. This cross conduction can happen
when HC is on in the align mode shown as state R in
Table 1, and the controller transitions to state A in ramp
mode where HC is turned off and LC is turned on. Cross
conduction can appear due to the differences in turn on
and turn off times of the power devices. To solve this
problem, the LC output driver is gated off until the HC is
equal to VDD – 3V as shown in Figure 10.
BRAKING
When the BRAKE pin is pulled below 1.4V, the low side
output drivers LA, LB, and LC are turned on and the high
side output drivers HA, HB, HC are turned off. Braking
causes rapid deceleration of the motor and current
limiting is de-activated, and care should be taken when
using the BRAKE pin. BRAKE is has an internal 4k
W pull-
up as shown in Figure 10, and can be driven by a switch
to ground, an open collector or drain logic signal, or a TTL
logic signal.
UNDERVOLTAGE LOCKOUT
Undervoltage lockout is used to protect the 3-phase
bridge power stage from a low VDD condition.
Undervoltage is triggered at VDD of 9.5V or less and is
indicated by a TTL low output on the UV FAULT pin.
Undervoltage lockout also turns off all output drivers (LA,
LB, LC, HA, HB, and HC). The comparator that triggers
undervoltage lockout has 150mV of hystresis.
DESIGN CONSIDERATIONS
INTERFACING TO A 3-PHASE BRIDGE POWER STAGE
The ML4425 output drivers are configured to drive a 3
phase bridge power stage. For applications with buss
voltages from 12V up to 80V, level shifting circuitry can
be used to drive higher voltage P-channel MOSFETS for
the high side switches as shown in Figure 11.
The most flexible configuration is to use high side drivers
to control N-Channel MOSFETs (or IGBTs) which allows
applications from less than 12V up to 600V. Figure 12
shows the interface between the ML4425 and IR2118 high
side drivers from International Rectifier. This configuration
is capable of driving motors from busses of up to 320V.
The BRAKE pin can be pulsed prior to startup with an RC
circuit. This charges the bootstrap capacitors (C19, C20,
and C21) for the three high side drivers, allowing the reset
phase to operate normally. These capacitors must be sized
so that they stay sufficiently charged during the align
mode. Refer to AN-43 for additional applications
information on the ML4425.
FUNCTIONAL DESCRIPTION (Continued)
2
4
3
9
10
HA
HB
HC
LA
LB
GATING
LOGIC
&
OUTPUT
DRIVERS
–
+
1.4V
9.5V
25
BRAKE
VDD
4k
Ω
14
VDD
28
GND
27
RREF
11
LC
REFERENCE
18
UV FAULT
7
VREF
FROM
COMMUTATION
STATE MACHINE
FROM
SPEED CONTROL LOOP
& CURRENT LIMIT
+
–
Figure 10. Cross Conduction, Brake, and UVLO Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com