Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4435IP Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4435IP
Description  Sensorless BLDC Motor Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4435IP Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4435IP Datasheet HTML 3Page - Micro Linear Corporation ML4435IP Datasheet HTML 4Page - Micro Linear Corporation ML4435IP Datasheet HTML 5Page - Micro Linear Corporation ML4435IP Datasheet HTML 6Page - Micro Linear Corporation ML4435IP Datasheet HTML 7Page - Micro Linear Corporation ML4435IP Datasheet HTML 8Page - Micro Linear Corporation ML4435IP Datasheet HTML 9Page - Micro Linear Corporation ML4435IP Datasheet HTML 10Page - Micro Linear Corporation ML4435IP Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
May, 2000
PRELIMINARY DATASHEET
7
PRELIMINARY
ML4435
mutation to achieve rotational motion. Electronic com-
mutation requires the switching on and off of the power
switches of a 3 phase half bridge. For torque production
to be achieved in one direction the commutation is dic-
tated by the rotor’s position. Electronic commutation in
the ML4435 is achieved by turning on and off, in the
proper sequence, one L output from one phase and one
H
output from another phase. There are six combinations of
L and
H outputs (six switching states) that constitute a full
commutation cycle as illustrated in Table 1 labeled state
A through F. This switching sequence is programmed into
the commutation state machine as illustrated in Figure 6.
Clocking of the commutation state machine is provided by
the output of a VCO.
VOLTAGE CONTROLLED OSCILLATOR
The VCO outputs a TTL compatible clock on the TACH
(pin 2) proportional to the input voltage to the voltage
controlled oscillator SPEED FB (pin 18). The proportion of
frequency to voltage or VCO constant Kv is set by a resistor
to ground on RVCO (pin 4) and capacitor to ground on
CVCO (pin 20) as shown in Figure 7. RVCO sets up a
current proportional to the VCO input voltage SPEED FB
minus 0.7V. This current is used to charge and discharge
CVCO between the threshold voltages of 2V and 3.75V as
shown in Figure 7. RVCO has a lower voltage limit of 0.2V.
The resulting triangle wave of CVCO corresponds to the
clock on the TACH pin, this is also illustrated in Figure 7. Kv
should be set so that the VCO output frequency corresponds
to the maximum commutation frequency FMAX and thus the
maximum motor speed when the VCO input is equal to or
slightly less than 6V. CVCO and RVCO can be selected by
first calculating FMAX and then using the selection graph in
Figure 8. FMAX is calculated as follows:
FMAX = 0.05 x RPMMAX x N
Where: RPMMAX = The maximum speed of operation
(RPM). N = The number of magnetic poles (Unitless).
TACH
The TACH (pin 2) outputs the VCO frequency. This is 6
Figure 6. Commutation State Machine
3s
POWER ON
RESET PULSE
CLK VCO
A
B
C
D
E
F
R
COMMUTATION
STATE MACHINE
Figure 7. VCO Control
RVCO
SPEED FB
0.9V
VOLTA E
CONTROLLED
OSCILLATOR
LEVEL
SHIFT
0. V
CVCO
3. 5V
2V
4
20
-
+
Table 1. Communication Control States
OUTPUT DRIVERS
A
LA
LB
LC
HA
HB
HC
LOW LOW HI H LOW HI H HI H
LOW LOW HI H HI H LOW HI H
HI H LOW LOW HI H LOW HI H
HI H LOW LOW HI H HI H LOW
LOW HI H LOW HI H HI H LOW
LOW
= DRIVER ON
HI H LOW LOW HI H HI H
B
C
D
E
F
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com