Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4435IP Datasheet(PDF) 12 Page - Micro Linear Corporation

Part # ML4435IP
Description  Sensorless BLDC Motor Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4435IP Datasheet(HTML) 12 Page - Micro Linear Corporation

Back Button ML4435IP Datasheet HTML 6Page - Micro Linear Corporation ML4435IP Datasheet HTML 7Page - Micro Linear Corporation ML4435IP Datasheet HTML 8Page - Micro Linear Corporation ML4435IP Datasheet HTML 9Page - Micro Linear Corporation ML4435IP Datasheet HTML 10Page - Micro Linear Corporation ML4435IP Datasheet HTML 11Page - Micro Linear Corporation ML4435IP Datasheet HTML 12Page - Micro Linear Corporation ML4435IP Datasheet HTML 13Page - Micro Linear Corporation ML4435IP Datasheet HTML 14Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
PRELIMINARY DATASHEET
May, 2000
12
PRELIMINARY
ML4435
Unless otherwise specified, Ta= Operating Temperature Range, VCC= 12V +/- 10%, RT= 50k
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE
RT
5.8
6
6.2
V
VCO
RVCO
Lower Range2
0.2
V
Upper Range2
6
V
CVCO
Lower Threshold2
2
V
Upper Threshold2
3.75
V
Coast Enable Threshold2
1.5
V
Back EMF Blanking Threshold2
2.875
V
SPEED FEEDBACK
Output Range2
0
6.7
V
V Minimum Frequency2
V Speed Feedback
0.9
V
TACH Out Disabled Threshold2
TACH Out = Hi
0.97
V
I Back EMF Sampler2
V Speed Feedback = 3.3V
+/-80
µA
BACK EMF SENSING
Feed Back Input Range2
FB A, FB B, and FB C
0
VCC
V
TACH
TACH Out Low
ISINK = 100µA
0.2
0.4
V
TACH Out High
ISOURCE =100µA
4.3
4.8
V
SPEED ERROR AMP
SPEED SET Range2
0
6
V
I SPEED COMP
V SPEED COMP = 5.1V
+/-45
µA
SPEED COMP Output Lower Clamp2
I = ±45µA
2.15
V
SPEED COMP Output Upper Clamp2
I = ±45µA
8.2
V
OSCILLATOR
PWM Frequency
N1, N2, N3
17
25
33
kHz
Duty Cycle2
N1, N2, N3
0
100
%
CURRENT SENSE
V SOFT START
0.48
0.58
0.68
V
ISENSE
Threshold2
0.58
V
OUTPUTS (N1, N2, N3, P1, P2, AND P3)
Output Low
ISINK = 20mA
0
0.5
1
V
Output High (VCC-VOUT)
ISOURCE = 20mA
0
0.5
1
V
UNDER-VOLTAGE LOCKOUT
Start Threshold
8.7
9.2
9.7
V
Under Voltage Threshold
8.2
8.7
9.2
V
SUPPLY
ICC
Supply Current
15
mA
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions
Note 2
Guaranteed by design, not tested
ELECTRICAL TABLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com