Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1060CG-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR1060CG-TQ2-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR1060CG-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR1060CG-TQ2-R Datasheet HTML 1Page - Unisonic Technologies MBR1060CG-TQ2-R Datasheet HTML 2Page - Unisonic Technologies MBR1060CG-TQ2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR2060C
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R601-083.D
20A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC MBR2060C is a 20A schottky barrier rectifier, it
uses UTC’s advanced technology to provide the customers with
high surge capability, high efficiency, high current capability, low
power loss and low forward voltage drop, etc.
The UTC MBR2060C is suitable for free wheeling and
polarity protection, etc.
FEATURES
* High surge capability
* High efficiency
* High current capability
* Low power Loss and low forward voltage drop
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
MBR2060CL-TA3-T
MBR2060CG-TA3-T
TO-220
A
K
A
Tube
MBR2060CL-TF1-T
MBR2060CG-TF1-T
TO-220F1
A
K
A
Tube
MBR2060CL-TF2-T
MBR2060CG-TF2-T
TO-220F2
A
K
A
Tube
MBR1060CL-TQ2-T
MBR1060CG-TQ2-T
TO-263
A
K
A
Tube
MBR1060CL-TQ2-R
MBR1060CG-TQ2-R
TO-263
A
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TF1: TO-220F1, TF2: TO-220F2
TQ2: TO-263
(3) L: Lead Free, G: Halogen Free and Lead Free
MBR2060CL-TA3-T
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING


Similar Part No. - MBR1060CG-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR1060CG-TQ2-R UTC-MBR1060CG-TQ2-R Datasheet
146Kb / 3P
SCHOTTKY BARRIER RECTIFIER
MBR1060CG-TQ2-R UTC-MBR1060CG-TQ2-R Datasheet
200Kb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results

Similar Description - MBR1060CG-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com