Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4642 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4642
Description  AUI Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4642 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4642 Datasheet HTML 1Page - Micro Linear Corporation ML4642 Datasheet HTML 2Page - Micro Linear Corporation ML4642 Datasheet HTML 3Page - Micro Linear Corporation ML4642 Datasheet HTML 4Page - Micro Linear Corporation ML4642 Datasheet HTML 5Page - Micro Linear Corporation ML4642 Datasheet HTML 6Page - Micro Linear Corporation ML4642 Datasheet HTML 7Page - Micro Linear Corporation ML4642 Datasheet HTML 8Page - Micro Linear Corporation ML4642 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
ML4642
PIN DESCRIPTIONS
PIN NO.
NAME
FUNCTION
DESCRIPTION
1
RXLED/LPBK/SQE
I/O
Active low receive LED driver for MAU port. If tied to ground, this pin
enables internal loopback of the active TXIN pair to the RXOUT pairs
and enables SQE test. If tied to 0.6 volts internal loopback is enable but
SQE test is disabled. SQE and loopback are disabled when this pin is
pulled high.
2
RXINP
Input
Receive signal pair for MAU port.
3
RXINN
Onput
Receive signal pair for MAU port.
4
JAB1/JDIS
I/O
Active low jabber LED driver for DTE port 1. If tied to ground, the
jabber function is disabled at TXIN1 and TXIN2.
5
RRSET
Input
Bias setting external resistor, 61.9Ký.
6VCC
Power
+5 volt power supply
7
TXOUTP
Output
Transmit signal pair for MAU port.
8
TXOUTN
Output
Transmit signal pair for MAU port.
9
TXLED1
Output
Open collector, active low transmit LED driver for DTE AUI port 1.
10
TXLED2
Output
Open collector, active low transmit LED driver for DTE AUI port 2.
11
TXIN2P
Input
Transmit signal pair for DTE port 2.
12
TXIN2N
Input
Transmit signal pair for DTE port 2.
13
TXIN1P
Input
Transmit signal pair for DTE port 1.
14
TXIN1N
Input
Transmit signal pair for DTE port 1.
15
VCC
Power
+5 volt power supply
16
CDOUT2N
Output
Collision signal pair for DTE port 2.
17
CDOUT2P
Output
Collision signal pair for DTE port 2.
18
CDLED
Output
Open collector, active low collision LED driver.
19
CDINN
Input
Collision signal pair for MAU port.
20
CDINP
Input
Collision signal pair for MAU port.
21
JAB2
Output
Open collector, active low jabber LED driver for DTE port 2.
22
CDOUT1P
Output
Collision signal pair for DTE port 1.
23
CDOUT1N
Output
Collision signal pair for DTE port 1.
24
GND
Ground
GND.
25
RXOUT2P
Output
Receive signal pair for DTE port 2.
26
RXOUT2N
Output
Receive signal pair for DTE port 2.
27
RXOUT1N
Output
Receive signal pair for DTE port 1.
28
RXOUT1P
Output
Receive signal pair for DTE port 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com