Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4642 Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML4642
Description  AUI Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4642 Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML4642 Datasheet HTML 7Page - Micro Linear Corporation ML4642 Datasheet HTML 8Page - Micro Linear Corporation ML4642 Datasheet HTML 9Page - Micro Linear Corporation ML4642 Datasheet HTML 10Page - Micro Linear Corporation ML4642 Datasheet HTML 11Page - Micro Linear Corporation ML4642 Datasheet HTML 12Page - Micro Linear Corporation ML4642 Datasheet HTML 13Page - Micro Linear Corporation ML4642 Datasheet HTML 14Page - Micro Linear Corporation ML4642 Datasheet HTML 15Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
ML4642
SQE TEST WHEN CASCADING
As mentioned before, after each transmission during the
interpacket gap time the collision signal will be activated
on the CDOUT pair of the same port as the TXIN pair
which received the packet. When cascading ML4642s to
implement 4 or 8 port designs, the path is remembered
and followed to acheive this function. The paths that did
not carry the transmit data blocks CDOUT for 4-7 µsec
after transmission to guarantee that only the port that
transmitted will see SQE test.
a type 2 configuration offers three options. In option 1,
when tied to +5 volts through a resistor and an LED, an
internal or external MAU will be connected. For stand-
alone operation without an internal or external MAU a
loopback is required. Option 2 allows loopback with no
SQE test while option 3 provides loopback with an SQE
test.
An eight port design is accomplished in the same way as
shown in the block diagram in Figure 11. In an eight port
design Type 0 and Type 2 configuration remain the same
as in a four port design. Type 1 however only differs from
Type 2 by tying RXLED/LPBK/SQE through a resistor to +5
volts. Table 1 summerizes all of the different LED
configurations.
TABLE 1. LED Configurations for 2, 4, and 8 Port Designs
JAB1/JABD
RXLED/LPBK/SQE
JAB2
CDLED
TXLED1
TXLED2
Two Port AUI Mux
LED
GND, 0.6V, LED
LED
LED
LED
LED
Type 0
LED
270ý to +5V
LED
WIRE’ORED
LED
LED
Type 1
GND
270ý to +5V
NC
NC
NC
NC
Type 2
GND
GND, 0.6V, LED
NC
NC
NC
NC
DTE PORT 1
DTE PORT 2
DTE PORT 3
DTE PORT 4
DTE PORT 5
DTE PORT 6
DTE PORT 7
DTE PORT 8
ML4642
ML4642
ML4642
ML4642
ML4642
ML4642
ML4642
MAU PORT
TYPE 0
TYPE 1
TYPE 2
Figure 11. Eight Port AUI Multiplexer
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com