Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4644 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4644
Description  4 Port AUI Multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4644 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4644 Datasheet HTML 1Page - Micro Linear Corporation ML4644 Datasheet HTML 2Page - Micro Linear Corporation ML4644 Datasheet HTML 3Page - Micro Linear Corporation ML4644 Datasheet HTML 4Page - Micro Linear Corporation ML4644 Datasheet HTML 5Page - Micro Linear Corporation ML4644 Datasheet HTML 6Page - Micro Linear Corporation ML4644 Datasheet HTML 7Page - Micro Linear Corporation ML4644 Datasheet HTML 8Page - Micro Linear Corporation ML4644 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ML4644
PIN CONNECTIONS
PIN DESCRIPTION
PIN #
NAME
FUNC.
DESCRIPTION
1
CDOUT2P
Output
Collision signal pair for
DTE port 2.
2
CDOUT2N
Output
Collision signal pair for
DTE port 2.
3
COLL
Output
Open collector LED
driver for collision.
4
CDOUT3P
Output
Collision signal pair for
DTE port 3.
5
CDOUT3N
Output
Collision signal pair for
DTE port 3.
6
NC
No connection.
7
TxIN2P
Input
Transmit signal pair for
DTE port 2.
8
NC
No connection.
9
NC
No connection.
10
TxIN2N
Input
Transmit signal pair for
DTE port 2.
11
TxIN3P
Input
Transmit signal pair for
DTE port 3.
12
TxIN3N
Input
Transmit signal pair for
DTE port 3.
PIN #
NAME
FUNC.
DESCRIPTION
13
NC
No connection.
14
TxOUTN
Output
Transmit signal pair for
MAU port.
15
TxOUTP
Output
Transmit signal pair for
MAU port.
16
Reserved
This pin should be tied
to VCC.
17
RRSET
Input
Bias setting external
resistor, 61.9ký,
connected to VCC
18
NC
No connection.
19
JAB2
Output
Open collector jabber
LED driver for Jabber of
DTE port 2.
20
RxOUT1P Output
Receive signal pair for
DTE port 1.
21
RxOUT1N Output
Receive signal pair for
DTE port 1.
22
REC
Output
Open collector LED
driver for receive.
Grounding this pin
enables loopback.
CDINN
CDOUT4N
CDOUT4P
NC
TxIN1P
TxIN1N
CDOUT1N
CDOUT1P
GND
Tx1
Tx2
Tx3
Tx4
TxIN4P
TxIN4N
JAB1
SQEN4
TxIN2N
TxIN3P
TxIN3N
NC
TxOUTN
TxOUTP
RESERVED
RRSET
NC
JAB2
RxOUT1P
RxOUT1N
REC
RxOUT2P
RxOUT2N
VCC
VCC
27 28 29 30 31 32 33
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
98
7
6
5
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
34
2
35
1
36
68
37
67
38
66
39 40 41 42 43
65 64 63 62 61
ML4644



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com