Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4644 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4644
Description  4 Port AUI Multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4644 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4644 Datasheet HTML 1Page - Micro Linear Corporation ML4644 Datasheet HTML 2Page - Micro Linear Corporation ML4644 Datasheet HTML 3Page - Micro Linear Corporation ML4644 Datasheet HTML 4Page - Micro Linear Corporation ML4644 Datasheet HTML 5Page - Micro Linear Corporation ML4644 Datasheet HTML 6Page - Micro Linear Corporation ML4644 Datasheet HTML 7Page - Micro Linear Corporation ML4644 Datasheet HTML 8Page - Micro Linear Corporation ML4644 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
ML4644
PIN DESCRIPTION (Continued)
PIN #
NAME
FUNC.
DESCRIPTION
23
RxOUT2P Output
Receive signal pair for
DTE port 2.
24
RxOUT2N Output
Receive signal pair for
DTE port 2.
25
VCC
Power
+5V power supply.
26
VCC
Power
+5V power supply.
27
NC
No connection.
28
NC
No connection.
29
RxINP
Input
Receive signal pair for
MAU port.
30
RxINN
Input
Receive signal pair for
MAU port.
31
SQEN2
Input
Active low. This pin is
used to enable the SQE
function of DTE port 2.
32
SQEN3
Input
Active low. This pin is
used to enable the SQE
function of DTE port 3.
33
RxOUT3P Output
Receive signal pair for
DTE port 3.
34
RxOUT3N Output
Receive signal pair for
DTE port 3.
35
NC
No connection.
36
RxOUT4P Output
Receive signal pair for
DTE port 4.
37
RxOUT4N Output
Receive signal pair for
DTE port 4.
38
NC
No connection.
39
JAB3
Output
Open collector jabber
LED driver for Jabber of
DTE port 3.
40
NC
No connection.
41
JAB4
Output
Open collector jabber
LED driver for Jabber of
DTE port 4.
42
NC
No connection.
43
NC
No connection.
44
SQEN4
Input
Active low. This pin is
used to enable the SQE
function of DTE port 4.
45
JAB1
Output
Open collector jabber
LED driver for Jabber of
DTE port 1.
46
TxIN4N
Input
Transmit signal pair for
DTE port 4.
47
TxIN4P
Input
Transmit signal pair for
DTE port 4.
PIN #
NAME
FUNC.
DESCRIPTION
48
Tx4
Output
Open collector transmit
LED driver for Jabber of
DTE port 4.
49
Tx3
Output
Open collector transmit
LED driver for Jabber of
DTE port 3.
50
Tx2
Output
Open collector transmit
LED driver for Jabber of
DTE port 2.
51
Tx1
Output
Open collector transmit
LED driver for Jabber of
DTE port 1.
52
GND
Ground
Ground.
53
CDOUT1P
Output
Collision signal pair for
DTE port 1.
54
CDOUT1N
Output
Collision signal pair for
DTE port 1.
55
TxIN1N
Input
Transmit signal pair for
DTE port 1.
56
TxIN1P
Input
Transmit signal pair for
DTE port 1.
57
NC
No connection.
58
CDOUT4P
Output
Collision signal pair for
DTE port 4.
59
CDOUT4N
Output
Collision signal pair for
DTE port 4.
60
CDINN
Input
Collision signal pair for
MAU port.
61
X3
Output
ECL output driven by
crystal. Can drive X1
inputs on other
ML4644S.
62
NC
No connection.
63
CDINP
Input
Collision signal pair for
MAU port.
64
SQEN1
Input
Active low. This pin is
used to enable the SQE
function of DTE port 1.
65
NC
No connection.
66
X1
Input
10MHz Crystal input pin.
This pin can also be used
as a 10MHz clock input
pin, or can connect to X3
of another that is driven
by a crystal or 10MHz
clock.
67
X2
Input
10 MHz Crystal input pin.
68
NC
No connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com