Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4663 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4663
Description  Single Chip 10BASE-FL Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4663 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4663 Datasheet HTML 1Page - Micro Linear Corporation ML4663 Datasheet HTML 2Page - Micro Linear Corporation ML4663 Datasheet HTML 3Page - Micro Linear Corporation ML4663 Datasheet HTML 4Page - Micro Linear Corporation ML4663 Datasheet HTML 5Page - Micro Linear Corporation ML4663 Datasheet HTML 6Page - Micro Linear Corporation ML4663 Datasheet HTML 7Page - Micro Linear Corporation ML4663 Datasheet HTML 8Page - Micro Linear Corporation ML4663 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
ML4663
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are limits beyond which the
life of the integrated circuit may be impaired. All voltages
unless otherwise specified are measured with respect to
ground.
Power Supply Voltage Range
VCC ................................................................... GND –0.3 to 6V
Input Voltage Range
Digital Inputs
SQEN, LBDIS ....................... GND –0.3 to VCC +0.3V
Tx+, Tx–, VIN+, VIN– ............... GND –0.3 to VCC +0.3V
Input Current
RRSET, RTSET,
JAB, CLSN, XMT, RCV, LMON ...... 60mA
Output Current
TxOUT ................................................................ 70mA
Junction Temperature .............................................. 150
°C
Storage Temperature Range ...................... –65
°C to 150°C
Lead Temperature (Soldering) .................................. 260
°C
Thermal Resistance (
θJA)....................................... 68°C/W
OPERATING CONDITIONS
Supply Voltage (VCC) ........................................... 5V ± 5%
LED on Current ....................................................... 10mA
RRSET .......................................................... 61.9k
Ω ± 1%
RTSET ............................................................. 115
Ω ± 1%
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = Operations Temperature Range, VCC = VCCTx = 5V ± 5% (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Power Supply Current ICC:VCC = 5V, RTSET = 115Ω
220
mA
While Transmitting
(Note 2)
VOL
LED Drivers: VOL
IOL = 10mA (Note 3)
0.8
V
IOUT
Transmit Peak Output Current
RTSET = 115
Ω (Note 4)
44
52
57
mA
VSQ
Transmit Squelch Voltage Level
–300
–250
–200
mV
(Tx+, Tx–)
VDO
Differential Output Voltage
±550
±1200
mV
(Rx
±, COL±)
VCM
Common Mode Output Voltage
4.0
V
(Rx
±, COL±)
VDOO
Differential Output Voltage
±40
mV
Imbalance (Rx
±, COL±)
VSQE
SQE/JABD
SQE Test Disable
0.3
V
Both Disabled
1.5
VCC – 2
V
Both Enabled
VCC – 0.5
V
VLBTH
LBDIS Threshold
Disabled
VCC – 0.1
V
Enabled
1
V
VTXCM
Common Mode Voltage
3.5
V
(Tx+, Tx–)
VINCM
Common Mode Voltage
1.65
V
(VIN+, VIN–)
VREF
Reference Voltage
2.30
2.45
2.60
V
IREF
VREF Output Source Current
5mA
AV
Amplifier Gain
100
V/V
VISR
Input Signal Range
2
1600
mVP–P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com