Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4663 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4663
Description  Single Chip 10BASE-FL Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4663 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4663 Datasheet HTML 1Page - Micro Linear Corporation ML4663 Datasheet HTML 2Page - Micro Linear Corporation ML4663 Datasheet HTML 3Page - Micro Linear Corporation ML4663 Datasheet HTML 4Page - Micro Linear Corporation ML4663 Datasheet HTML 5Page - Micro Linear Corporation ML4663 Datasheet HTML 6Page - Micro Linear Corporation ML4663 Datasheet HTML 7Page - Micro Linear Corporation ML4663 Datasheet HTML 8Page - Micro Linear Corporation ML4663 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
March 1997
ML4663
Single Chip 10BASE-FL Transceiver
GENERAL DESCRIPTION
The ML4663 single-chip 10BASE-FL transceiver integrates
both a ML4662 10BASE-FL transceiver with a ML4622
fiber optic data quantizer to implement a highly integrated
solution for 10BASE-FL transceivers. The ML4663 offers a
standard IEEE 802.3 AU interface that allows it to be
directly connected to industry standard manchester
encoder/decoder chips or an AUI connector.
The ML4663 provides a highly integrated solution that
requires a minimal number of external components, and is
compliant to the IEEE 802.3 10BASE-FL standard. The
transmitter offers a current drive output that directly drives
a fiber optic LED transmitter. The receiver offers a highly
stable fiber optic data quantizer capable of accepting
input signals as low as 2mVP-P with a 55dB dynamic
range.
The transmitter automatically inserts 1MHz signal during
idle time and removes this signal on reception. Low Light
is continuously monitored for both activity as well as
power level. Five LED status indicators monitor error
conditions as well as transmissions, receptions and
collisions.
FEATURES
s
Single chip solution for 10BASE-FL internal or external
Medium Attachment Units (MAUs)
s
Incorporates an AU interface
s
Highly stable data quantizer with 55dB input
dynamic range
s
Input sensitivity as low as 2mVP-P
s
Current driven fiber optic LED driver for accurate
launch power
s
Single +5 volt supply
s
No crystal or clock required
s
Five network status LED outputs
AUI
RECEIVER
Tx
SQUELCH
AUI
DRIVER
AUI
DRIVER
10MHz GATED
OSCILLATOR
LOOPBACK
MUX
JABBER
RECEIVE SQUELCH
LINK DETECT
VREF
LED
DRIVERS
FIBER OPTIC
LED
DRIVER
1MHz IDLE
SIGNAL
SQE
GND
VCC
(+5V)
+5V
LBDIS
AGND
CTIMER
RRSET
Tx
Rx
BIAS
GND
VCCTx
(+5V)
+5V
RTSET
SQEN/JABD
Tx+
Tx–
COL+
COL–
Rx+
Rx–
AVCC
TxOUT
XMT
RCV
CLSN
JAB
LMON
VIN+
VDC
VREF
VTHADJ
VIN–
∫
CMP
AMP
5
17
12
20
27
18
15
16
1
28
14
26
25
21
22
23
4
24
8
13
9
19
7
6
3
2
11
10
BLOCK DIAGRAM
1
Please
See ML4668
for New
Designs


Similar Part No. - ML4663

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4662 MICRO-LINEAR-ML4662 Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4662CQ MICRO-LINEAR-ML4662CQ Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
ML4664CH MICRO-LINEAR-ML4664CH Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
ML4664CQ MICRO-LINEAR-ML4664CQ Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
More results

Similar Description - ML4663

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-4663 HP-HFBR-4663 Datasheet
233Kb / 15P
Single Chip 10BASE-FL Transceiver
logo
Micro Linear Corporatio...
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
10BASE-T Transceiver
ML4662 MICRO-LINEAR-ML4662 Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
ML4665 MICRO-LINEAR-ML4665 Datasheet
245Kb / 13P
Low Cost Single Chip 10BASE-FL Transceiver
ML4667 MICRO-LINEAR-ML4667 Datasheet
170Kb / 12P
Low Power 10BASE-FL Transceiver
ML4668 MICRO-LINEAR-ML4668 Datasheet
196Kb / 14P
Low Power Single Chip 10BASE-FL Transceiver
logo
Mitel Networks Corporat...
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
E1 Single Chip Transceiver
logo
Motorola, Inc
MC34055 MOTOROLA-MC34055 Datasheet
184Kb / 16P
IEEE 802.3 10BASE-T TRANSCEIVER
logo
PCA ELECTRONICS INC.
EPE6087AS PCA-EPE6087AS Datasheet
24Kb / 1P
10Base-T Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com