Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4664 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4664
Description  10BASE-FL to 10BASE-T Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4664 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4664 Datasheet HTML 1Page - Micro Linear Corporation ML4664 Datasheet HTML 2Page - Micro Linear Corporation ML4664 Datasheet HTML 3Page - Micro Linear Corporation ML4664 Datasheet HTML 4Page - Micro Linear Corporation ML4664 Datasheet HTML 5Page - Micro Linear Corporation ML4664 Datasheet HTML 6Page - Micro Linear Corporation ML4664 Datasheet HTML 7Page - Micro Linear Corporation ML4664 Datasheet HTML 8Page - Micro Linear Corporation ML4664 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
ML4664/ML4669
PIN
NAME
FUNCTION
22(21) VREF
A 2.5V reference with respect to GND
23(22) VTHADJ
This input pin sets the link monitor
threshold
24(23) AGND
Analog Filtered Ground
25(24) OPINN
This input pin should be capacitively
coupled to filtered AVCC. The input
resistance is approximately 1.3k
W.
26(25) OPINP
This input pin should be capacitively
coupled to the input source. The input
resistance is approximately 1.3k
W.
27(26) AVCC
Analog Filtered 5V
28(28) OPLED
Indicates reception is taking place on
the OPINP, OPINN pair. Active low
LED driver, open collector. It is
extended 16ms for usability. This pin
may be grounded to disable the
twisted pair outputs. If this pin is not
used as an LED driver, and is not
grounded, a 2k
W, 5% resistor should
be connected between this pin and
VCC.
PIN
NAME
FUNCTION
17(15) LMON
Link Monitor “Low Light” LED status
output. Pulled low when voltage on
the OPINP, OPINN inputs exceed min
threshold set by VTHADJ , and there are
transitions on OPINP, OPINN
indicating an idle signal or active
data. If the voltage on OPINP, OPINN
inputs falls below the minimum
threshold or transitions cease on
OPINP, OPINN, LMON will go high.
Active low LED driver, open collector.
In the low light state, optical and
twisted pair transmitters are disabled
from sending data. The optical
transmitter of the ML4664 does send
an idle signal, and link pulses are sent
at the twisted pair transmitter. For the
ML4669, the twisted pair transmitter
will not send link pulses, the optical
transmitter may send an idle signal,
depending on inputs. See Table 1.
18(16) OPVCC
5V supply for fiber optic
LED driver
19(17) OPOUT
Fiber optic LED driver output
21(20) VDC
An external capacitor on this pin
integrates an error signal which nulls
the offset of the input amplifier. If the
DC feedback loop is not being used,
this pin should be connected to VREF.
PIN DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com