Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4664 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4664
Description  10BASE-FL to 10BASE-T Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4664 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4664 Datasheet HTML 1Page - Micro Linear Corporation ML4664 Datasheet HTML 2Page - Micro Linear Corporation ML4664 Datasheet HTML 3Page - Micro Linear Corporation ML4664 Datasheet HTML 4Page - Micro Linear Corporation ML4664 Datasheet HTML 5Page - Micro Linear Corporation ML4664 Datasheet HTML 6Page - Micro Linear Corporation ML4664 Datasheet HTML 7Page - Micro Linear Corporation ML4664 Datasheet HTML 8Page - Micro Linear Corporation ML4664 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2000
ML4664
*/ML4669*
10BASE-FL to 10BASE-T Converter
GENERAL DESCRIPTION
The fully pin-compatible ML4664/ML4669 pair provide
conversion from 10BASE-T copper media to 10BASE-FL
fiber media in a single chip. They are compliant with
Ethernet IEEE 802.3 10BASE-T and 10BASE-FL standards.
The ML4664/69 uses a single 5V supply, and requires no
crystal or clock.
Their 10BASE-FL transmitter offers a current drive output
that directly drives a fiber optic LED transmitter. Their
receiver offers a highly stable fiber optic data quantizer
capable of accepting input signals as low as 2mVP-P with
a 55dB dynamic range.
The 10BASE-T portion of the pair contains current driven
transmitter outputs that offer superior performance
because their switching is highly symmetric, resulting in
lowered RFI noise and jitter. By changing one external
resistor the pair easily interfaces to 100
W unshielded
twisted pair, 150
W shielded twisted pair, or a range of
other characteristic impedances.
The ML4664 does not pass along disconnect information,
while the ML4669 does. A loss of light at the optical
inputs does not stop link pulses from being sent at the
twisted pair transmitter in the ML4664, but in the
ML4669 the link pulses stop. Also, a loss of link at the
twisted pair inputs will not stop the optical transmitter
from sending idle in the ML4664, but the ML4669 stops
sending idle.
* Some Packages Are Obsolete
FEATURES
s
Full duplex operation
s
Five network status LED outputs
s
Industrial temperature option
10BASE-FL FEATURES:
s
Highly stable data quantizer with 55dB input dynamic
range
s
Input sensitivity as low as 2mVP-P
s
Up to 100mA maximum current driven fiber optic LED
output for accurate launch power (PLCC package)
10BASE-T FEATURES:
s
Current driven output for low RFI noise and low jitter
s
Drives 100
W unshielded or 150W shielded twisted pair
s
Polarity detect status pin capable of driving an LED
s
Automatic polarity correction
s
On-chip link test with enable/disable option
1
BLOCK DIAGRAM
LINK PULSE
CHECK
RX SQUELCH
TP
POLARITY
CORRECT
LINK PULSE
GENERATOR
TP
TX
RX SQUELCH
TP
THRESHOLD
GENERATOR
QUANTIZER
OP
TX
TPOUT
2
2
TPIN
2
RTSETTP
TxCAP0
TxCAP1
LMON
(LOW LIGHT)
VDC
CTIMER
OPIN
OPOUT
OPVCC
RTSETOP
RRSET
POLDIS
LTF
TPLED
OPLED
IDLE
GENERATOR


Similar Part No. - ML4664

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4662 MICRO-LINEAR-ML4662 Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4662CQ MICRO-LINEAR-ML4662CQ Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4663 MICRO-LINEAR-ML4663 Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4663CQ MICRO-LINEAR-ML4663CQ Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4665 MICRO-LINEAR-ML4665 Datasheet
245Kb / 13P
Low Cost Single Chip 10BASE-FL Transceiver
More results

Similar Description - ML4664

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
10BASE-T Transceiver
ML4662 MICRO-LINEAR-ML4662 Datasheet
239Kb / 12P
10BASE-FL Transceiver
logo
Rhombus Industries Inc.
D6B11-101G RHOMBUS-IND-D6B11-101G Datasheet
37Kb / 1P
10BASE-T/ETHERNET 10BASE-T/ETHERNET TRANSFORMER
3/08/95
logo
XFMRS Inc.
XF1406DBP3 XFMRS-XF1406DBP3 Datasheet
45Kb / 1P
10BASE-T MAGNETICS
XF2006BRS1 XFMRS-XF2006BRS1 Datasheet
45Kb / 1P
10BASE-T FILTER
XF2006CEIT XFMRS-XF2006CEIT Datasheet
64Kb / 1P
10BASE-T FILTER
XF05062B XFMRS-XF05062B Datasheet
63Kb / 1P
10BASE T Magnetics
XF20063C XFMRS-XF20063C Datasheet
62Kb / 1P
10BASE-T FILTER
XF20064C XFMRS-XF20064C Datasheet
44Kb / 1P
10BASE-T FILTER
XF20063C XFMRS-XF20063C_10 Datasheet
43Kb / 1P
10BASE-T FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com