Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4665 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4665
Description  Low Cost Single Chip 10BASE-FL Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4665 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4665 Datasheet HTML 1Page - Micro Linear Corporation ML4665 Datasheet HTML 2Page - Micro Linear Corporation ML4665 Datasheet HTML 3Page - Micro Linear Corporation ML4665 Datasheet HTML 4Page - Micro Linear Corporation ML4665 Datasheet HTML 5Page - Micro Linear Corporation ML4665 Datasheet HTML 6Page - Micro Linear Corporation ML4665 Datasheet HTML 7Page - Micro Linear Corporation ML4665 Datasheet HTML 8Page - Micro Linear Corporation ML4665 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
ML4665
PIN
NAME
FUNCTION
11
LMON
Link Monitor “Low Light” LED status
output. This pin is pulled low when
the voltage on the VIN+, VIN– inputs
exceed the minimum threshold and
there are transitions on VIN+, VIN–
indicating an idle signal or active
data. If either the voltage on the
VIN+, VIN– inputs fall below the
minimum threshold or transitions
cease on VIN+, VIN–,
LMON will go
high. Active low LED driver, open
collector.
12
VCCTx
+5 volt supply for fiber optic LED
driver.
13
TxOUT
Fiber optic LED driver output.
14
GND
Ground Reference.
15
CTIMER
A capacitor from this pin to VCC
determines the Link Monitor
response time.
16
VDC
An external capacitor on this pin
integrates an error signal which
nulls the offset of the input
amplifier. If the DC feedback loop
is not being used, this pin should
be connected to VREF.
17
AGND
Analog Filtered Ground.
18
VIN–
This input pin should be
capacitively coupled to the input
source or to filtered AVCC. (The
input resistance is approximately
1.3k
Ω.)
19
VIN+
This input pin should be
capacitively coupled to the input
source or to filtered AVCC. (The
input resistance is approximately
1.3k
Ω.)
20
AVCC
Analog Filtered +5 volts.
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
LBDIS
Loopback disable. When this pin is
tied to VCC, the AUI transmit pair
data is not looped back to the AUI
receive pair. The ML4665 will now
operate in the full duplex mode.
When tied to GND or left floating,
the AUI transmit pair data is looped
back to the AUI receive pair, except
during collision. The ML4665 will
now operate in the half duplex
mode.
2
COL+
Gated 10MHz oscillation used to
3
COL–
indicate a collision or jabber.
Balanced differential line driver
outputs that meet AUI specifications.
4
Rx+
Manchester encoded receive data
5
Rx–
output to the local device. Balanced
differential line driver outputs that
meet AUI specifications.
6VCC
+5 volt power input.
7
Tx+
Balanced differential line receiver
8
Tx–
inputs that meet AUI specifications.
These inputs may be transformer or
capacitively coupled. The Tx input
pins are internally DC biased for AC
coupling.
9
RTSET
Sets the current driven output of the
transmitter.
10
RRSET
A 1% 61.9k
Ω resistor tied from this
pin to VCC sets the biasing currents
for internal nodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com