Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4665 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4665
Description  Low Cost Single Chip 10BASE-FL Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4665 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4665 Datasheet HTML 1Page - Micro Linear Corporation ML4665 Datasheet HTML 2Page - Micro Linear Corporation ML4665 Datasheet HTML 3Page - Micro Linear Corporation ML4665 Datasheet HTML 4Page - Micro Linear Corporation ML4665 Datasheet HTML 5Page - Micro Linear Corporation ML4665 Datasheet HTML 6Page - Micro Linear Corporation ML4665 Datasheet HTML 7Page - Micro Linear Corporation ML4665 Datasheet HTML 8Page - Micro Linear Corporation ML4665 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
ML4665
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are limits beyond which the
life of the integrated circuit may be impaired. All voltages
unless otherwise specified are measured with respect to
ground.
Power Supply Voltage Range
VCC ................................................................... GND –0.3 to 6V
Input Voltage Range
Digital Inputs
(SQEN, LBDIS) .................... GND –0.3 to VCC +0.3V
Tx+, Tx–, VIN+, VIN– ............... GND –0.3 to VCC +0.3V
Input Current
RRSET, RTSET,
LMON .......................................... 60mA
Output Current
TxOUT .............................................................. 120mA
Junction Temperature .............................................. 150
°C
Storage Temperature Range ...................... –65
°C to 150°C
Lead Temperature (Soldering) .................................. 260
°C
Thermal Resistance (
θJA)....................................... 78°C/W
OPERATING CONDITIONS
Supply Voltage (VCC) ........................................... 5V ± 5%
LED on Current ....................................................... 10mA
RRSET .......................................................... 61.9k
Ω ± 1%
RTSET ............................................................. 115
Ω ± 1%
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = Operating Temperature Range, VCC = VCCTx = 5V ± 5% (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Power Supply Current ICC:VCC = 5V, RTSET = 115Ω (Note 2)
140
mA
While Transmitting
VOL
LED Driver: VOL
IOL = 10mA (Note 3)
0.8
V
IOUT
Transmit Peak Output Current
RTSET = 115
Ω (Note 4)
44
52
57
mA
VSQ
Transmit Squelch Voltage Level
–300
–250
–200
mV
(Tx+, Tx–)
VDO
Differential Output Voltage
±550
±1200
mV
(Rx
±, COL±)
VCM
Common Mode
4.0
V
Output Voltage (Rx
±, COL±)
VDOO
Differential Output
Voltage Imbalance (Rx
±, COL±)
±40
mV
VLBTH
LBDIS Threshold
Loopback disabled
VCC – 0.1
V
Loopback enabled
1.0
V
VTXCM
Common Mode Voltage (Tx+, Tx–)
3.5
V
VINCM
Common Mode Voltage
1.65
V
(VIN+, VIN–)
AV
Amplifier Gain
100
V/V
VISR
Input Signal Range
2
1600
mVP–P
VN
Input Referred Noise
50MHz BW
25
µV
RIN
Input Resistance
VIN+ = VIN–
0.8
1.3
2.0
k
Ω
VTH
Input Threshold Voltage
5
6
7
mV
H
Hysteresis
20
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com