Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4668 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4668
Description  Low Power Single Chip 10BASE-FL Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4668 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4668 Datasheet HTML 1Page - Micro Linear Corporation ML4668 Datasheet HTML 2Page - Micro Linear Corporation ML4668 Datasheet HTML 3Page - Micro Linear Corporation ML4668 Datasheet HTML 4Page - Micro Linear Corporation ML4668 Datasheet HTML 5Page - Micro Linear Corporation ML4668 Datasheet HTML 6Page - Micro Linear Corporation ML4668 Datasheet HTML 7Page - Micro Linear Corporation ML4668 Datasheet HTML 8Page - Micro Linear Corporation ML4668 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
ML4668
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Power Supply Voltage Range
VCC ..................................................... GND –0.3 to 6V
Input Voltage Range
Digital Inputs (SQEN, LBDIS) ... GND –0.3 to VCC +0.3V
Tx+, Tx–, VIN+, VIN– ............... GND –0.3 to VCC +0.3V
Input Current
RRSET, RTSET,
JAB, CLSN, XMT, RCV, LMON ...... 60mA
Output Current
TxOUT .............................................................. 120mA
Junction Temperature .............................................. 150
°C
Storage Temperature Range ...................... –65
°C to 150°C
Lead Temperature (Soldering) .................................. 260
°C
Thermal Resistance (
θJA)....................................... 68°C/W
OPERATING CONDITIONS
Supply Voltage (VCC) ........................................... 5V ± 5%
LED on Current ....................................................... 10mA
RRSET .......................................................... 61.9k
Ω ± 1%
RTSET ............................................................. 115
Ω ± 1%
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = Operating Temperature Range, VCC = VCCTx = 5V ± 5% (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Power Supply Current ICC:
While Transmitting
VCC = 5V, RTSET = 115Ω (Note 2)
140
mA
VOL
LED Drivers: VOL
IOL = 10mA (Note 3)
0.8
V
IOUT
Transmit Peak Output Current
RTSET = 115
Ω (Note 4)
44
52
57
mA
VSQ
Transmit Squelch Voltage Level
–300
–250
–200
mV
(Tx+, Tx–)
VDO
Differential Output Voltage
±550
±1200
mV
(Rx
±, COL±)
VCM
Common Mode
Output Voltage (Rx
±, COL±)
4.0
V
VDOO
Differential Output
Voltage Imbalance (Rx
±, COL±)
±40
mV
VSQE
SQE/JABD
SQE Test Disable
0.3
V
Both Disabled
1.5
VCC – 2
V
Both Enabled
VCC – 0.5
V
VLBTH
LBDIS Threshold
Disabled
VCC – 0.1
V
Enabled
1
V
VTXCM
Common Mode Voltage (Tx+, Tx–)
3.5
V
VINCM
Common Mode Voltage
1.65
V
(VIN+, VIN–)
VREF
Reference Voltage
2.30
2.45
2.60
V
IREF
VREF Output Source Current
5mA
AV
Amplifier Gain
100
V/V
VISR
Input Signal Range
2
1600
mVP–P
VTHADJ
External Voltage at VTHADJ
0.5
2.7
V
to Set VTH
VOFF
Input Offset
VDC = VREF (DC loop inactive)
3
mV
VN
Input Referred Noise
50MHz BW
25
µV
RIN
Input Resistance
VIN+, VIN–
0.8
1.3
2.0
k
Ω
ITH
Input Bias Current of VTHADJ
–200
10
+200
µA
VTH
Input Threshold Voltage
VTHADJ = VREF (Note 5)
5
6
7
mVP–P
H
Hysteresis
20
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com