Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4668 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4668
Description  Low Power Single Chip 10BASE-FL Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4668 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4668 Datasheet HTML 1Page - Micro Linear Corporation ML4668 Datasheet HTML 2Page - Micro Linear Corporation ML4668 Datasheet HTML 3Page - Micro Linear Corporation ML4668 Datasheet HTML 4Page - Micro Linear Corporation ML4668 Datasheet HTML 5Page - Micro Linear Corporation ML4668 Datasheet HTML 6Page - Micro Linear Corporation ML4668 Datasheet HTML 7Page - Micro Linear Corporation ML4668 Datasheet HTML 8Page - Micro Linear Corporation ML4668 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
March 1997
ML4668
Low Power Single Chip 10BASE-FL Transceiver
GENERAL DESCRIPTION
The ML4668 single-chip 10BASE-FL transceiver is a low
power, high output current, plug-compatible version of the
industry standard ML4663. The ML4668 offers a standard
IEEE 802.3 AU interface that allows it to be directly
connected to industry standard manchester encoder/
decoder chips or an AUI connector.
The ML4668 provides a highly integrated solution that
requires a minimal number of external components, and is
compliant to the IEEE 802.3 10BASE-FL standard. The
transmitter offers a 100mA maximum current drive output
that directly drives a fiber optic LED transmitter. The
receiver offers a highly stable fiber optic data quantizer
capable of accepting input signals as low as 2mVP-P with a
55dB dynamic range.
The transmitter automatically inserts 1MHz signal during
idle time and removes this signal on reception. Low Light is
continuously monitored for both activity as well as power
level. Five LED status indicators monitor error conditions as
well as transmissions, receptions and collisions.
FEATURES
s
Single chip solution for 10BASE-FL internal or external
Medium Attachment Units (MAUs)
s
Incorporates an AU interface
s
Highly stable data quantizer with 55dB input
dynamic range
s
Input sensitivity as low as 2mVP-P
s
Up to 100mA maximum current driven fiber optic LED
driver for accurate launch power
s
Single +5 volt supply
s
No crystal or clock required
s
Five network status LED outputs
BLOCK DIAGRAM
1
AUI
RECEIVER
Tx
SQUELCH
AUI
DRIVER
AUI
DRIVER
10MHz GATED
OSCILLATOR
LOOPBACK
MUX
JABBER
RECEIVE SQUELCH
LINK DETECT
VREF
LED
DRIVERS
FIBER OPTIC
LED
DRIVER
1MHz IDLE
SIGNAL
SQE
GND
VCC
(+5V)
+5V
LBDIS
AGND
CTIMER
RRSET
Tx
Rx
BIAS
GND
VCCTx
(+5V)
+5V
RTSET
SQEN/JABD
Tx+
Tx–
COL+
COL–
Rx+
Rx–
AVCC
TxOUT
VIN+
VDC
VREF
VTHADJ
VIN–
∫
CMP
AMP
LMON
14
JAB
28
CLSN
1
RCV
16
XMT
15
18
27
20
12
17
5
10
11
2
3
6
7
19
9
13
8
24
4
23
22
21
25
26


Similar Part No. - ML4668

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4662 MICRO-LINEAR-ML4662 Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4662CQ MICRO-LINEAR-ML4662CQ Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4663 MICRO-LINEAR-ML4663 Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4663CQ MICRO-LINEAR-ML4663CQ Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
More results

Similar Description - ML4668

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-4663 HP-HFBR-4663 Datasheet
233Kb / 15P
Single Chip 10BASE-FL Transceiver
logo
Micro Linear Corporatio...
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
10BASE-T Transceiver
ML4662 MICRO-LINEAR-ML4662 Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4663 MICRO-LINEAR-ML4663 Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
ML4665 MICRO-LINEAR-ML4665 Datasheet
245Kb / 13P
Low Cost Single Chip 10BASE-FL Transceiver
ML4667 MICRO-LINEAR-ML4667 Datasheet
170Kb / 12P
Low Power 10BASE-FL Transceiver
logo
Texas Instruments
CC2500 TI-CC2500 Datasheet
1Mb / 76P
Single Chip Low Cost Low Power RF Transceiver
CC1000 TI-CC1000 Datasheet
593Kb / 55P
Single Chip Very Low Power RF Transceiver
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
Single Chip Low Cost Low Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com