Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2288CCP Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML2288CCP
Description  Serial I/O 8-Bit A/D Converters with Multiplexer Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2288CCP Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML2288CCP Datasheet HTML 1Page - Micro Linear Corporation ML2288CCP Datasheet HTML 2Page - Micro Linear Corporation ML2288CCP Datasheet HTML 3Page - Micro Linear Corporation ML2288CCP Datasheet HTML 4Page - Micro Linear Corporation ML2288CCP Datasheet HTML 5Page - Micro Linear Corporation ML2288CCP Datasheet HTML 6Page - Micro Linear Corporation ML2288CCP Datasheet HTML 7Page - Micro Linear Corporation ML2288CCP Datasheet HTML 8Page - Micro Linear Corporation ML2288CCP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ML2281, ML2282, ML2284, ML2288
5
ELECTRICAL CHARACTERISTICS (Continued)
ML228XB
ML228XC
TYP
TYP
SYMBOL
PARAMETER
CONDITIONS
MIN
NOTE 3
MAX
MIN
NOTE 3
MAX
UNITS
CONVERTER AND MULTIPLEXER CHARACTERISTICS (CONTINUED)
IOFF
Off Channel
On channel = VCC
–1
–1
µA
Leakage Current
Off channel = 0V
(Notes 4, 9)
On channel = 0V
+1
+1
µA
Off channel = VCC
(Notes 4, 9)
ION
On Channel
On channel = 0V
–1
–1
µA
Leakage Current
Off channel = VCC
(Notes 4, 9)
On channel = VCC
+1
+1
µA
Off channel = 0V
(Notes 4, 9)
DIGITAL AND DC CHARACTERISTICS
VIN(1)
Logical “1”
(Note 4)
2.0
2.0
V
Input Voltage
VIN(0)
Logical “0”
(Note 4)
0.8
0.8
V
Input Voltage
IIN(1)
Logical “1” Input
VIN = VCC (Note 4)
1
1
µA
Current
IIN(0)
Logical “0” Input
VIN = 0V (Note 4)
–1
–1
µA
Current
VOUT(1)
Logical “1”
IOUT = –2mA (Note 4)
4.0
4.0
V
Output Voltage
VOUT(0)
Logical “0”
IOUT = 2mA (Note 4)
0.4
0.4
V
Output Voltage
IOUT
HI-Z Output
VOUT = 0V (Note 4)
–1
–1
µA
Current
VOUT = VCC
11
µA
ISOURCE
Output Source
VOUT = 0V (Note 4)
–6.5
–6.5
mA
Current
ISINK
Output Sink Current VOUT = VCC (Note 4)
8.0
8.0
mA
ICC
Supply Current
ML2281, ML2284
1.3
2.5
1.3
2.5
mA
ML2288 (Note 4)
ML2282 Includes ladder
1.8
3.5
1.8
3.5
mA
Current (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com