Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2288CCP Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML2288CCP
Description  Serial I/O 8-Bit A/D Converters with Multiplexer Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2288CCP Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML2288CCP Datasheet HTML 5Page - Micro Linear Corporation ML2288CCP Datasheet HTML 6Page - Micro Linear Corporation ML2288CCP Datasheet HTML 7Page - Micro Linear Corporation ML2288CCP Datasheet HTML 8Page - Micro Linear Corporation ML2288CCP Datasheet HTML 9Page - Micro Linear Corporation ML2288CCP Datasheet HTML 10Page - Micro Linear Corporation ML2288CCP Datasheet HTML 11Page - Micro Linear Corporation ML2288CCP Datasheet HTML 12Page - Micro Linear Corporation ML2288CCP Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ML2281, ML2282, ML2284, ML2288
9
CLOCK (CLK)
CHIP SELECT (
CS)
DATA IN (DI)
DO
USING
SE
TO CONTROL
LSB FIRST
OUTPUT
SAR STATUS (SARS)
SE = “0”
DATA OUT (DO)
ADDRESS MUX
OUTPUT DATA
LSB FIRST DATA
MSB FIRST DATA
START
BIT
SGL/
DIF SELECT
BIT 1
ODD/
SIGN
SELECT
BIT 0
HI-Z
HI-Z
HI-Z
HI-Z
HI-Z
HI-Z
SAMPLE & HOLD
ACQUISITION (tACQ)
76
5
4
3
2
0
123
4
5
(MSB)
67
(MSB)
1
(LSB)
12345678910
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
A/D CONVERSION IN PROCESS
DATA HELD
LSB FIRST DATA
MSB FIRST DATA
(LSB)
(MSB)
(MSB)
7
6
54321
0
1
2
3
4
5
67
tSET-UP
tSET-UP
DON’T CARE (DI DISABLED UNTIL NEXT CONVERSION CYCLE)
SE
ML2288 Timing
Figure 2. Timing Diagrams (Continued)
1.0
0.75
0.5
0.25
0
CLOCK FREQUENCY (MHz)
0
0.01
0.1
1
VCC = 5V
VREF = 5V
125 C
–55 C
25 C
Figure 3. Linearity Error vs fCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com