Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4775CS Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4775CS
Description  Adjustable Output Low Voltage Boost Regulator with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4775CS Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4775CS Datasheet HTML 1Page - Micro Linear Corporation ML4775CS Datasheet HTML 2Page - Micro Linear Corporation ML4775CS Datasheet HTML 3Page - Micro Linear Corporation ML4775CS Datasheet HTML 4Page - Micro Linear Corporation ML4775CS Datasheet HTML 5Page - Micro Linear Corporation ML4775CS Datasheet HTML 6Page - Micro Linear Corporation ML4775CS Datasheet HTML 7Page - Micro Linear Corporation ML4775CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ML4775
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = Operating Voltage Range, TA = Operating Temperature Range (Note 1).
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
SUPPLY
VIN Quiescent Current
VIN = VOUT –0.2 V
55
65
µA
VIN = 4.8V, SHDN = VIN
20
30
µA
VOUT Quiescent Current
812
µA
VL Quiescent Current
1µA
PFM REGULATOR
Pulse Width (TON)
8.9
10
11.1
µs
SENSE Comparator
194
200
206
mV
Threshold Voltage (VSENSE)
Load Regulation
See Figure 1
VIN = 1.2V, IOUT - 20mA
4.85
5.0
5.15
V
VIN = 2.4V, IOUT - 105mA
4.85
5.0
5.15
V
Undervoltage Lockout Threshold
0.85
1
V
SHUTDOWN
Input Bias Current
–100
100
nA
Shutdown Threshold
180
200
220
mV
Shutdown Hysteresis
50
70
mV
OPERATING CONDITIONS
Temperature Range
ML4775CS ................................................ 0°C to 70°C
ML4775ES ............................................ –20°C to 70°C
VIN Operating Range
ML4775CS .................................. 1.0V to VOUT –0.2V
ML4775ES .................................. 1.1V to VOUT –0.2V
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond
which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and
functional device operation is not implied.
VOUT .......................................................................... 7V
Voltage on any other pin ..... GND –0.3V to VOUT +0.3V
Peak Switch Current, I(PEAK) .................................... 1.5A
Average Switch Current, I(AVG) ............................ 300mA
Junction Temperature ............................................. 150°C
Storage Temperature Range .................... –65°C to 150°C
Lead Temperature (Soldering 10 sec.) .................... 260°C
Thermal Resistance (
qJA) ................................... 160°C/W
Note 1: Limits are guaranteed by 100% testing, sampling or correlation with worst case test conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com