Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4775CS Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4775CS
Description  Adjustable Output Low Voltage Boost Regulator with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4775CS Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4775CS Datasheet HTML 1Page - Micro Linear Corporation ML4775CS Datasheet HTML 2Page - Micro Linear Corporation ML4775CS Datasheet HTML 3Page - Micro Linear Corporation ML4775CS Datasheet HTML 4Page - Micro Linear Corporation ML4775CS Datasheet HTML 5Page - Micro Linear Corporation ML4775CS Datasheet HTML 6Page - Micro Linear Corporation ML4775CS Datasheet HTML 7Page - Micro Linear Corporation ML4775CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PWR
GND
3
1
L1
VBAT
VIN
GND
VL
COUT
2
8
REGULATION
&
SHUTDOWN
CONTROL
FROM POWER
MANAGEMENT
FEEDBACK
5
VOUT
SHDN
6
BOOST
CONTROL
*CIN
VOUT
4
SENSE
R1
R2
CFF*
August 2000
ML4775
Adjustable Output Low Voltage
Boost Regulator with Shutdown
1
*Optional
BLOCK DIAGRAM
GENERAL DESCRIPTION
The ML4775 is a boost regulator designed for DC to DC
conversion in 1 to 3 cell battery powered systems. The
combination of BiCMOS process technology, internal
synchronous rectification, variable frequency operation,
and low supply current make the ML4775 ideal for 1 cell
applications. The ML4775 is capable of start-up with input
voltages as low as 1V, and the output voltage can be set
anywhere between 2.5V and 5.5V by an external resistor
divider connected to the SENSE pin.
Unlike regulators using external Schottky diodes, the
ML4775 isolates the load from the battery when the
SHDN pin is high. This is accomplished by an integrated
synchronous rectifier which eliminates the need for an
external Schottky diode and provides a lower forward
voltage drop, resulting in higher conversion efficiency.
In addition, low quiescent battery current and variable
frequency operation result in high efficiency even at light
loads. The ML4775 requires a minimum number of
external components to build a very small regulator circuit
capable of achieving conversion efficiencies in excess of
90%.
FEATURES
s
Guaranteed start-up and operation at 1V input
s
Pulse Frequency Modulation and Internal Synchronous
Rectification for high efficiency
s
Isolates the load from the input during shutdown
s
Minimum external components
s
Low ON resistance internal switching FETs
s
Micropower operation
s
Adjustable output voltage (2.5V to 5.5V)


Similar Part No. - ML4775CS

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4770 MICRO-LINEAR-ML4770 Datasheet
239Kb / 8P
2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
ML4770CS MICRO-LINEAR-ML4770CS Datasheet
239Kb / 8P
2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
ML4770ES MICRO-LINEAR-ML4770ES Datasheet
239Kb / 8P
2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
ML4771 MICRO-LINEAR-ML4771 Datasheet
190Kb / 8P
High Current Boost Regulator
ML4771CS MICRO-LINEAR-ML4771CS Datasheet
190Kb / 8P
High Current Boost Regulator
More results

Similar Description - ML4775CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4854 FAIRCHILD-ML4854 Datasheet
133Kb / 13P
Adjustable, Low-Current, 2-Cell Boost Regulator with Shutdown and Low Battery Detect
logo
Micro Linear Corporatio...
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
ML4790 MICRO-LINEAR-ML4790 Datasheet
192Kb / 10P
Adjustable Output, Low Ripple Boost Regulator
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
High Current Boost Regulator with Shutdown
ML4875 MICRO-LINEAR-ML4875 Datasheet
196Kb / 10P
Low Voltage Boost Regulator with Shutdown
ML4950 MICRO-LINEAR-ML4950 Datasheet
290Kb / 10P
Adjustable Output, Low Current Single Cell Boost Regulator with Detect
ML4961 MICRO-LINEAR-ML4961 Datasheet
206Kb / 8P
Adjustable Output Low Voltage Boost Regulator with Detect
logo
Fairchild Semiconductor
FAN4855 FAIRCHILD-FAN4855 Datasheet
527Kb / 12P
500mA High Efficiency Boost Regulator with Adjustable Output, Shutdown and Low Battery Detect
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
Adjustable Output Voltage, Enable/Shutdown Control
logo
ON Semiconductor
MC33269 ONSEMI-MC33269_14 Datasheet
151Kb / 12P
Adjustable Output Low Dropout Voltage Regulator
August, 2014 ??Rev. 28
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com