Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4804 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4804
Description  Power Factor Correction and PWM Controller Combo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4804 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4804 Datasheet HTML 1Page - Micro Linear Corporation ML4804 Datasheet HTML 2Page - Micro Linear Corporation ML4804 Datasheet HTML 3Page - Micro Linear Corporation ML4804 Datasheet HTML 4Page - Micro Linear Corporation ML4804 Datasheet HTML 5Page - Micro Linear Corporation ML4804 Datasheet HTML 6Page - Micro Linear Corporation ML4804 Datasheet HTML 7Page - Micro Linear Corporation ML4804 Datasheet HTML 8Page - Micro Linear Corporation ML4804 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ML4804
2
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
FUNCTION
9
DC ILIMIT
PWM cycle-by-cycle current
limit comparator input
10
GND
Ground
11
PWM OUT
PWM driver output
12
PFC OUT
PFC driver output
13
VCC
Positive supply
14
VREF
Buffered output for the internal
7.5V reference
15
VFB
PFC transconductance voltage
error amplifier input
16
VEAO
PFC transconductance voltage
error amplifier output
PIN
NAME
FUNCTION
1
IEAO
Slew rate enhanced PFC
transconductance error amplifier output
2IAC
PFC AC line reference input to Gain
Modulator
3ISENSE
Current sense input to the PFC Gain
Modulator
4VRMS
PFC Gain Modulator RMS line voltage
compensation input
5
SS
Connection point for the PWM soft start
capacitor
6VDC
PWM voltage feedback input
7
RAMP 1
Oscillator timing node; timing set
by RTCT
8
RAMP 2
When in current mode, this pin
functions as the current sense input;
when in voltage mode, it is the PWM
modulation ramp input.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IEAO
IAC
ISENSE
VRMS
SS
VDC
RAMP 1
RAMP 2
VEAO
VFB
VREF
VCC
PFC OUT
PWM OUT
GND
DC ILIMIT
TOP VIEW
ML4804
16-Pin PDIP (P16)
16-Pin Narrow SOIC (S16N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com