Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4804 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4804
Description  Power Factor Correction and PWM Controller Combo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4804 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4804 Datasheet HTML 1Page - Micro Linear Corporation ML4804 Datasheet HTML 2Page - Micro Linear Corporation ML4804 Datasheet HTML 3Page - Micro Linear Corporation ML4804 Datasheet HTML 4Page - Micro Linear Corporation ML4804 Datasheet HTML 5Page - Micro Linear Corporation ML4804 Datasheet HTML 6Page - Micro Linear Corporation ML4804 Datasheet HTML 7Page - Micro Linear Corporation ML4804 Datasheet HTML 8Page - Micro Linear Corporation ML4804 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ML4804
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 15V, RT = 52.3kΩ, CT = 470pF, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE ERROR AMPLIFIER
Input Voltage Range
0
5
V
Transconductance
VNON INV = VINV, VEAO = 3.75V
30
65
90
µ
Feedback Reference Voltage
2.43
2.5
2.57
V
Input Bias Current
Note 2
-0.5
-1.0
µA
Output High Voltage
6.0
6.7
V
Output Low Voltage
0.1
0.4
V
Source Current
VIN = 2.5V ± 0.5V, VOUT = 6V
-40
-140
µA
Sink Current
VIN = 2.5V ± 0.5V , VOUT = 1.5V
40
140
µA
Open Loop Gain
50
60
dB
Power Supply Rejection Ratio
11V < VCC < 16.5V
50
60
dB
CURRENT ERROR AMPLIFIER
Input Voltage Range
-1.5
2
V
Transconductance
VNON INV = VINV, VEAO = 3.75V
50
100
150
µ
Input Offset Voltage
0
4
15
mV
Input Bias Current
-0.5
-1.0
µA
Output High Voltage
6.0
6.7
V
Output Low Voltage
0.65
1.0
V
Source Current
VIN = ±0.5V, VOUT = 6V
-40
-104
µA
Sink Current
VIN = ±0.5V, VOUT = 1.5V
40
160
µA
Open Loop Gain
60
70
dB
Power Supply Rejection Ratio
11V < VCC < 16.5V
60
75
dB
OVP COMPARATOR
Threshold Voltage
2.65
2.75
2.85
V
Hysteresis
250
325
mV
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC ............................................................................................... 18V
ISENSE Voltage ............................................... -5V to 0.7V
Voltage on Any Other Pin .... GND - 0.3V to VCCZ + 0.3V
IREF ............................................................................................ 10mA
IAC Input Current .................................................... 10mA
Peak PFC OUT Current, Source or Sink ....................... 1A
Peak PWM OUT Current, Source or Sink ..................... 1A
PFC OUT, PWM OUT Energy Per Cycle .................. 1.5µJ
Junction Temperature .............................................. 150°C
Storage Temperature Range ...................... -65°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................... 260°C
Thermal Resistance (
θJA)
Plastic DIP .......................................................... 80°C/W
Plastic SOIC ...................................................... 105°C/W
OPERATING CONDITIONS
Temperature Range
ML4804CX .................................................... 0°C to 70°C
ML4804IX .................................................. -40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com