Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4804CS Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4804CS
Description  Power Factor Correction and PWM Controller Combo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4804CS Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML4804CS Datasheet HTML 2Page - Micro Linear Corporation ML4804CS Datasheet HTML 3Page - Micro Linear Corporation ML4804CS Datasheet HTML 4Page - Micro Linear Corporation ML4804CS Datasheet HTML 5Page - Micro Linear Corporation ML4804CS Datasheet HTML 6Page - Micro Linear Corporation ML4804CS Datasheet HTML 7Page - Micro Linear Corporation ML4804CS Datasheet HTML 8Page - Micro Linear Corporation ML4804CS Datasheet HTML 9Page - Micro Linear Corporation ML4804CS Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ML4804
6
TYPICAL PERFORMANCE CHARACTERISTICS
Voltage Error Amplifier (VEA) Transconductance (gm)
Current Error Amplifier (IEA) Transconductance (gm)
Gain Modulator Transfer Characteristic (K)
K
IA
IV
V
GAINMOD
AC
=
×
–
–.
84
5
0 625
µ
bg
af
180
160
140
120
100
80
60
40
20
0
VFB (V)
05
3
14
2
180
160
140
120
100
80
60
40
20
0
IEA INPUT VOLTAGE (mV)
–500
500
0
VRMS(V)
02
4
5
13
540
480
420
300
240
180
120
60
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com