Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4804CS Datasheet(PDF) 12 Page - Micro Linear Corporation

Part # ML4804CS
Description  Power Factor Correction and PWM Controller Combo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4804CS Datasheet(HTML) 12 Page - Micro Linear Corporation

Back Button ML4804CS Datasheet HTML 6Page - Micro Linear Corporation ML4804CS Datasheet HTML 7Page - Micro Linear Corporation ML4804CS Datasheet HTML 8Page - Micro Linear Corporation ML4804CS Datasheet HTML 9Page - Micro Linear Corporation ML4804CS Datasheet HTML 10Page - Micro Linear Corporation ML4804CS Datasheet HTML 11Page - Micro Linear Corporation ML4804CS Datasheet HTML 12Page - Micro Linear Corporation ML4804CS Datasheet HTML 13Page - Micro Linear Corporation ML4804CS Datasheet HTML 14Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ML4804
12
diode for this function, it is important to limit the current
through the Zener to avoid overheating or destroying it.
This can be easily done with a single resistor in series
with the Vcc pin, returned to a bias supply of typically
18V to 20V. The resistor’s value must be chosen to meet
the operating current requirement of the ML4804 itself
(8.5mA, max.) plus the current required by the two gate
driver outputs.
EXAMPLE:
With a VBIAS of 20V, a VCC of 15V and the ML4804
driving a total gate charge of 90nC at 100kHz (e.g., 1
IRF840 MOSFET and 2 IRF820 MOSFETs), the gate driver
current required is:
IkHz
nC
mA
GATEDRIVE =×
=
100
90
9
(7)
R
VV
II
Iz
BIAS
BIAS
CC
CC
G
=
−
++
(8)
R
VV
mA
mA
mAIz
BIAS =
−
++
=
20
15
69
5
250Ω
Choose RBIAS < 240Ω
The ML4804 should be locally bypassed with a 1.0µF
ceramic capacitor. In most applications, an electrolytic
capacitor of between 47µF and 220µF is also required
across the part, both for filtering and as part of the start-up
bootstrap circuitry.
LEADING/TRAILING MODULATION
Conventional Pulse Width Modulation (PWM) techniques
employ trailing edge modulation in which the switch will
turn on right after the trailing edge of the system clock.
The error amplifier output voltage is then compared with
the modulating ramp. When the modulating ramp reaches
the level of the error amplifier output voltage, the switch
will be turned OFF. When the switch is ON, the inductor
current will ramp up. The effective duty cycle of the
trailing edge modulation is determined during the ON
time of the switch. Figure 4 shows a typical trailing edge
control scheme.
In the case of leading edge modulation, the switch is
turned OFF right at the leading edge of the system clock.
When the modulating ramp reaches the level of the error
amplifier output voltage, the switch will be turned ON.
The effective duty-cycle of the leading edge modulation
is determined during the OFF time of the switch. Figure 5
shows a leading edge control scheme.
One of the advantages of this control technique is that it
requires only one system clock. Switch 1 (SW1) turns off
and switch 2 (SW2) turns on at the same instant to
minimize the momentary “no-load” period, thus lowering
ripple voltage generated by the switching action. With
such synchronized switching, the ripple voltage of the
first stage is reduced. Calculation and evaluation have
shown that the 120Hz component of the PFC’s output
ripple voltage can be reduced by as much as 30% using
this method.
TYPICAL APPLICATIONS
Figure 6 is the application circuit for a complete 100W
power factor corrected power supply, designed using the
methods and general topology detailed in Application
Note 33.
Figure 5. Typical Leading Edge Control Scheme
REF
EA
–
+
–
+
OSC
DFF
R
D
Q
Q
CLK
U1
RAMP
CLK
U4
U3
C1
RL
I4
SW2
SW1
+
DC
I1
I2
I3
VIN
L1
VEAO
CMP
U2
RAMP
VEAO
TIME
VSW1
TIME
FUNCTIONAL DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com