Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4812 Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML4812
Description  Power Factor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4812 Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML4812 Datasheet HTML 8Page - Micro Linear Corporation ML4812 Datasheet HTML 9Page - Micro Linear Corporation ML4812 Datasheet HTML 10Page - Micro Linear Corporation ML4812 Datasheet HTML 11Page - Micro Linear Corporation ML4812 Datasheet HTML 12Page - Micro Linear Corporation ML4812 Datasheet HTML 13Page - Micro Linear Corporation ML4812 Datasheet HTML 14Page - Micro Linear Corporation ML4812 Datasheet HTML 15Page - Micro Linear Corporation ML4812 Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ML4812
13
REFERENCE
DESCRIPTION
C1, C4
1µF, 630V Film (250VAC)
C3, CH
6.8nF, 1KV Ceramic disk
C5, C6
680µF, 200V Electrolytic
C8, C9
0.1µF, 50V Ceramic
C10, C19
1µF, 50V Ceramic
C11
0.001µF, 50V Ceramic
C15
330µF, 25V Electrolytic
C16
100µF, 25V Electrolytic
C17
10µF, 25V Electrolytic
CF
0.47µF, 50V Ceramic
CT
0.002µF, 50V Ceramic
D1, D2, D3, D4, D10
1N5406 (Motorola)
D5
MUR850 (Motorola)
D6, D8, D9
1N4148
D11, D12, D13
F1
5A, 250V 3AG with clips
IC1
ML4812CP (Micro Linear)
L1
2mH, 4A IPEAK (see note)
Q1
IRF840 or MTPN8N50
Q2
LM7815CT
Q3
2N2222 or equivalent
Notes:
All resistors 1/4W unless otherwise specified. Some reference designators
are skipped (e.g. C2, C12, etc.) and do not appear on the schematic.
These designators were used in previous revisions of the board and are
not used on this revision. Additional information on key components is
included in the attached appendix.
Table 2. Component Values/Bill of Materials for Figure 12
REFERENCE
DESCRIPTION
R1A, R1B, R4A, R4B
180k
Ω
R2A, R5A
10k
Ω TRIMPOT BOURNS
3299 or equivalent
R2B, R5B
3.9k
Ω
R3, R13
22k
Ω
R6, R7, RPB
150k
Ω
R10
39k
Ω, 2W
R11
33k
Ω
R12
1k
Ω
RG
10
Ω
RM
27k
Ω
RPA, R15
360k
Ω
RS
100k
Ω
RSC
33k
Ω
RT
7.5k
Ω
T1
SPANG F41206-TC
NS = 80, NP = 1 (see note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com