Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4822 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4822
Description  ZVS Average Current PFC Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4822 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4822 Datasheet HTML 1Page - Micro Linear Corporation ML4822 Datasheet HTML 2Page - Micro Linear Corporation ML4822 Datasheet HTML 3Page - Micro Linear Corporation ML4822 Datasheet HTML 4Page - Micro Linear Corporation ML4822 Datasheet HTML 5Page - Micro Linear Corporation ML4822 Datasheet HTML 6Page - Micro Linear Corporation ML4822 Datasheet HTML 7Page - Micro Linear Corporation ML4822 Datasheet HTML 8Page - Micro Linear Corporation ML4822 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ML4822
2
PIN CONFIGURATION
PIN
NAME
FUNCTION
PIN
NAME
FUNCTION
1 (1)
VEAO
Transconductance voltage error
amplifier output.
2 (2)
IEAO
Transconductance current error
amplifier output.
3 (3)
ISENSE
Current sense input to the PFC
current limit comparator.
4 (4)
IAC
PFC gain modulator reference input.
5 (5)
VRMS
Input for RMS line voltage
compensation.
6 (6)
RTCT
Connection for oscillator frequency
setting components.
7 (7)
ZV SENSE
Input to the high speed zero voltage
crossing comparator.
PIN DESCRIPTION (Pin number in parentheses is for 16-pin package)
8 (10) GND
Analog signal ground.
9 (11) PWR GND Return for the PFC and ZVS driver
outputs.
10 (12) ZVS OUT ZVS MOSFET driver output.
11 (13) PFC OUT PFC MOSFET driver output.
12 (14) VCC
Shunt-regulated supply voltage.
13 (15) REF
Buffered output for the internal
7.5V reference.
14 (16) FB
Transconductance voltage error
amplifier input.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VEAO
IEAO
ISENSE
IAC
VRMS
RTCT
ZV SENSE
N/C
FB
REF
VCC
PFC OUT
ZVS OUT
PWR GND
GND
N/C
TOP VIEW
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VEAO
IEAO
ISENSE
IAC
VRMS
RTCT
ZV SENSE
FB
REF
VCC
PFC OUT
ZVS OUT
PWR GND
GND
TOP VIEW
ML4822
16-Pin SOIC (S16W)
ML4822
14-Pin DIP (P14)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com