Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4822 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4822
Description  ZVS Average Current PFC Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4822 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4822 Datasheet HTML 1Page - Micro Linear Corporation ML4822 Datasheet HTML 2Page - Micro Linear Corporation ML4822 Datasheet HTML 3Page - Micro Linear Corporation ML4822 Datasheet HTML 4Page - Micro Linear Corporation ML4822 Datasheet HTML 5Page - Micro Linear Corporation ML4822 Datasheet HTML 6Page - Micro Linear Corporation ML4822 Datasheet HTML 7Page - Micro Linear Corporation ML4822 Datasheet HTML 8Page - Micro Linear Corporation ML4822 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ML4822
3
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Shunt Regulator Current (ICC) ................................. 55mA
Peak Driver Output Current ...............................
±500mA
Analog Inputs ................................................... –0.3 to 7V
Junction Temperature ............................................. 150
°C
Storage Temperature Range ..................... –65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................... 150
°C
Thermal Resistance (
θJA)
Plastic DIP ....................................................... 80
°C/W
Plastic SOIC ....................................................110
°C/W
OPERATING CONDITIONS
Temperature Range
ML4822CX ................................................ 0
°C to 70°C
ML4822IX .............................................. –40
°C to 85°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, RT = 52.3kΩ, CT = 470pF, TA = Operating Temperature Range (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE ERROR AMPLIFIER
Input Voltage Range
0
7
V
Transconductance
VNON-INV = VINV, VEAO = 3.75V
50
70
120
µ
Feedback Reference Voltage
VEAO = VFB
2.4
2.5
2.6
V
Open Loop Gain
60
75
dB
PSRR
VCCZ – 3V < VCC < VCCZ – 0.5V
60
75
dB
Output Low
0.65
1
V
Output High
6.0
6.7
V
Source Current
∆VIN = ±0.5V, VOUT = 6V
–40
–80
µA
Sink Current
∆VIN = ±0.5V, VOUT = 1.5V
40
80
mA
CURRENT ERROR AMPLIFIER
Input Voltage Range
–1.5
2
V
Transconductance
VNON-INV = VINV, IEAO = 3.75V
130
195
310
µ
Input Offset Voltage
±3
±15
mV
Open Loop Gain
60
75
dB
PSRR
VCCZ – 3V < VCC < VCCZ – 0.5V
60
75
dB
Output Low
0.65
1
V
Output High
6.0
6.7
V
Source Current
∆VIN = ±0.5V, VOUT = 6V
–40
–80
µA
Sink Current
∆VIN = ±0.5V, VOUT = 1.5V
40
80
µA
OVP COMPARATOR
Threshold Voltage
2.6
2.7
2.8
V
Hysteresis
80
120
150
mV
ISENSE COMPARATOR
Threshold Voltage
–0.8
–1.0
–1.15
V
Delay to Output
150
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com