Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4821IP Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4821IP
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4821IP Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4821IP Datasheet HTML 4Page - Micro Linear Corporation ML4821IP Datasheet HTML 5Page - Micro Linear Corporation ML4821IP Datasheet HTML 6Page - Micro Linear Corporation ML4821IP Datasheet HTML 7Page - Micro Linear Corporation ML4821IP Datasheet HTML 8Page - Micro Linear Corporation ML4821IP Datasheet HTML 9Page - Micro Linear Corporation ML4821IP Datasheet HTML 10Page - Micro Linear Corporation ML4821IP Datasheet HTML 11Page - Micro Linear Corporation ML4821IP Datasheet HTML 12Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
ML4821
Micro Linear
ENABLE
VREF
–
+
–
+
15
16
INTERNAL
BIAS
4.4V
LOGIC
POWER
VREF
9V
VCC
500
0
0
100
300
400
500
SINE INPUT CURRENT (µA)
200
100
200
300
400
1.0
1.5
2.5
3.5
4.5
5.5
RT = 5kΩ
VRMS = 3V
Figure 8. Under-Voltage Lockout Block Diagram.
Figure 7. Gain Modulator Linearity.
VCC = 15V
TA = –55°C
TA = 25°C
TA = 125°C
0
–4.0
–8.0
–12
–16
–20
–24
0
20
40
60
80
100
120
IREF, REFERENCE SOURCE CURRENT (mA)
40
10
0
010
20
30
VCC SUPPLY VOLTAGE (V)
TA = 25°C
20
30
Figure 9. Total Supply Current vs. Supply Voltage.
Figure 10. Reference Load Regulation.
UNDER VOLTAGE LOCKOUT,
OVP AND CURRENT LIMIT
On power-up the ML4821 remains in the UVLO
condition; output low and quiescent current low. The IC
becomes operational when VCC reaches 16V. When VCC
drops below 9V, the UVLO condition is imposed. During
the UVLO condition, the VREF pin is “off”, making it
usable as a “flag” for starting up a down-stream PWM
converter.
OVP, SHUTDOWN, AND IC BIAS
When the input to the OVP comparator exceeds VREF, the
output of the ML4821 is inhibited. The OVP input also
functions as a “sleep” input, putting the IC into the low
quiescent UVLO state when the OVP pin is pulled below
0.7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com