Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4821IP Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4821IP
Description  Power Factor Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4821IP Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4821IP Datasheet HTML 4Page - Micro Linear Corporation ML4821IP Datasheet HTML 5Page - Micro Linear Corporation ML4821IP Datasheet HTML 6Page - Micro Linear Corporation ML4821IP Datasheet HTML 7Page - Micro Linear Corporation ML4821IP Datasheet HTML 8Page - Micro Linear Corporation ML4821IP Datasheet HTML 9Page - Micro Linear Corporation ML4821IP Datasheet HTML 10Page - Micro Linear Corporation ML4821IP Datasheet HTML 11Page - Micro Linear Corporation ML4821IP Datasheet HTML 12Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
ML4821
Micro Linear
Figure 11. Bias and Start-up Circuit.
1000
µF
R10
39k
Ω
2W
NP
L1
TO IC
PIN 15
TO B+
NS
NP
NS
VOUT
14V
≈
1
µF
1
µF
OFF-LINE START-UP AND BIAS SUPPLY GENERATION
The circuit in Figure 11 supplies VCC power to the
ML4821. Start-up current is delivered via R10. The IC
starts when VCC reaches 15.5V. After that time running
power is delivered through the tap on L1. The
configuration shown delivers a voltage proportional to the
PFC output bus voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com