Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4822CS Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4822CS
Description  ZVS Average Current PFC Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4822CS Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4822CS Datasheet HTML 1Page - Micro Linear Corporation ML4822CS Datasheet HTML 2Page - Micro Linear Corporation ML4822CS Datasheet HTML 3Page - Micro Linear Corporation ML4822CS Datasheet HTML 4Page - Micro Linear Corporation ML4822CS Datasheet HTML 5Page - Micro Linear Corporation ML4822CS Datasheet HTML 6Page - Micro Linear Corporation ML4822CS Datasheet HTML 7Page - Micro Linear Corporation ML4822CS Datasheet HTML 8Page - Micro Linear Corporation ML4822CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ML4822
5
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MOSFET DRIVER OUTPUTS
Output Low Voltage
IOUT = –20mA
0.3
0.8
V
IOUT = –100mA
0.6
3.0
V
IOUT = –10mA, VCC = 8V
0.8
1.5
V
Output High Voltage
IOUT = 20mA
9.5
10.3
V
IOUT = 100mA
9
10.3
V
Output Rise/Fall Time
CL = 1000pF
40
ns
UNDERVOLTAGE LOCKOUT
Threshold Voltage
VCCZ – 0.9 VCCZ – 0.6 VCCZ – 0.2
V
Hysteresis
2.5
2.8
3.2
V
SUPPLY
Shunt Voltage (VCCZ)ICC =25mA
12.8
13.5
14.2
V
Load Regulation
25mA < ICC < 55mA
±150
±300
mV
Total Variation
Load and temperature
12.4
14.6
V
Start-up Current
VCC < 12.3V
0.7
1.1
mA
Operating Current
VCC = VCCZ – 0.5V
22
28
mA
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2:
Gain = K x 5.3 V; K = (IGAINMOD – IOFFSET) x IAC x (VEAO – 1.5)–1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com