Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4822CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4822CS
Description  ZVS Average Current PFC Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4822CS Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4822CS Datasheet HTML 2Page - Micro Linear Corporation ML4822CS Datasheet HTML 3Page - Micro Linear Corporation ML4822CS Datasheet HTML 4Page - Micro Linear Corporation ML4822CS Datasheet HTML 5Page - Micro Linear Corporation ML4822CS Datasheet HTML 6Page - Micro Linear Corporation ML4822CS Datasheet HTML 7Page - Micro Linear Corporation ML4822CS Datasheet HTML 8Page - Micro Linear Corporation ML4822CS Datasheet HTML 9Page - Micro Linear Corporation ML4822CS Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ML4822
7
Q1 Turn-On
The turn-on event consists of the time it takes for the
current through L2 to ramp to the L1 current plus the
resonant event of L2 and the ZVS capacitor. The total
event should occur in a minimum of 350–450ns, but can
be longer at the risk of increasing the total harmonic
distortion. Setting these times equal should minimize
conducted and radiated emissions.
tQ1(OFF) = tIL2 + tRES = 400ns
(1)
Where IL2 is equal to IL1.
The value of L2 is calculated to remain in discontinuous-
mode:
L
VV
t
P
BUS
RMS MIN
IL
OUT
2
2
2
=
××
×
()
(2)
The resonant event occurs in 1/4 of a full sinusoidal cycle.
For example, when a 1/4 cycle occurs in 200ns, the
frequency is 1.25MHz.
f
LC
t
RES
ZVS
RES
=
×
=
×
1
22
1
4
π
(3)
Rearranging and solving for L2:
L
t
C
RES
ZVS
2
4
2
2
=
×
×
π
(4)
The resonant capacitor (CZVS) value is found by setting
equations 2 and 4 equal to each other and solving for
CZVS.
C
tP
VV
t
ZVS
RES
OUT
BUS
RMS MIN
IL
=
××
×
××
×
42
2
2
2
π
()
(5)
APPLICATION
Figure 3 displays a typical application circuit for a 500W
ZVS PFC supply. Full design details are covered in
application note 33, ML4822 Power Factor Correction
With Zero Voltage Resonant Switching.
Figure 2. Timing Diagrams
t2
t3
t1
A. SYSTEM
CLOCK
(INTERNAL)
B. RTCT
C. ZVS GATE (Q2)
D. VDS (Q2)
E. PFC GATE (Q1)
F. VDS (Q1)
G. IL2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com