Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4825IP Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4825IP
Description  High Frequency Power Supply Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4825IP Datasheet(HTML) 6 Page - Micro Linear Corporation

  ML4825IP Datasheet HTML 1Page - Micro Linear Corporation ML4825IP Datasheet HTML 2Page - Micro Linear Corporation ML4825IP Datasheet HTML 3Page - Micro Linear Corporation ML4825IP Datasheet HTML 4Page - Micro Linear Corporation ML4825IP Datasheet HTML 5Page - Micro Linear Corporation ML4825IP Datasheet HTML 6Page - Micro Linear Corporation ML4825IP Datasheet HTML 7Page - Micro Linear Corporation ML4825IP Datasheet HTML 8Page - Micro Linear Corporation ML4825IP Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ML4825
6
Figure 6. Open Loop Frequency Response
FREQUENCY (Hz)
100
10k
10M
1k
100k
100M
1M
100
80
60
40
20
0
–20
0
–90
–180
0
AV
0
POWER VC
OUT A
OUT B
POWER
GND
VCC
13
11
14
12
Q2
Q1
3
2
1
0
IOUT (A)
0
1.5
1.0
0.5
SINK
SOURCE
Figure 7. Simplified Schematic
Figure 8. Saturation Curves
ERROR AMPLIFIER
The ML4825 error amplifier is a 5.5MHz bandwidth 12V/
µs
slew rate op-amp with provision for limiting the positive
output voltage swing (Output Inhibit line) for ease in
implementing the soft start function.
OUTPUT DRIVER STAGE
The ML4825 Output Driver is a 2A peak output high
speed totem pole circuit designed to quickly switch the
gates of capacitive loads, such as power MOSFET
transistors.
SOFT START AND CURRENT LIMIT
The ML4825 employs two current limits. When the
voltage at ILIM/SD exceeds 1V, the outputs are
immediately shut off and the cycle is terminated for the
remainder of the oscillator period by resetting the RS flip
flop.
If the output current is rising quickly such that the voltage
on ILIM/SD reaches 1.4V before the outputs have turned
off, a soft start cycle is initiated. The soft start capacitor is
discharged and outputs are held “off” until the voltage at
SS reaches 1V, ensuring a complete soft start cycle. The
duty cycle on start up is limited by limiting the output
voltage of the error amplifier voltage to the voltage at SS.
5
4
3
2
1
TIME (
µs)
0
0.2
0.6
1.0
0.8
0.4
VOUT
VIN
Figure 5. Unity Gain Slew Rate



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com